Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25832F4205K001 Datasheet(PDF) 6 Page - EPCOS

Part # B25832F4205K001
Description  MKV AC capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25832F4205K001 Datasheet(HTML) 6 Page - EPCOS

Back Button B25832F4205K001 Datasheet HTML 2Page - EPCOS B25832F4205K001 Datasheet HTML 3Page - EPCOS B25832F4205K001 Datasheet HTML 4Page - EPCOS B25832F4205K001 Datasheet HTML 5Page - EPCOS B25832F4205K001 Datasheet HTML 6Page - EPCOS B25832F4205K001 Datasheet HTML 7Page - EPCOS B25832F4205K001 Datasheet HTML 8Page - EPCOS B25832F4205K001 Datasheet HTML 9Page - EPCOS B25832F4205K001 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Please read Cautions and warnings and
6
09/05
Important notes at the end of this document.
MKV AC Capacitors
General AC Applications
B25832
Dimensional drawing 1
Dual tab connectors 6.3 mm
Dimensions in mm
Mounting parts
(included in delivery)
dl
l1+1*) Creepage
distance
Clearance
40
86
8
75
45
57
8
45
86
8
50
86
12
50
156
12
55
86
12
55
156
12
60
86
12
60
156
12
Threaded bolt
Max. torque
Toothed washer
Hex nut
M8
4 Nm
J 8.2 DIN 6797
M 8 DIN 439
M12
10 Nm
J 12.5 DIN 6797
M12 DIN 439
KLK0908-V
8+0,5
6,3±0,1
+0.5
–0.2
+1
–2
Dimensional drawing 2
Dual tab connectors 6.3 mm
Dimensions in mm
*) 8 mm = threaded bolt M8
12 mm = threaded bolt M12
d–1.2
l –4
∅ d
1– 0.4 Creepage
distance
Clear-
ance
79.2
104
75.2
75
89.3
104
85.2
KLK1264-3
8+0,5
6,3±0,1
M12
ød 1


Similar Part No. - B25832F4205K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4205K001 EPCOS-B25832F4205K001 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25832F4205K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com