Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620B0287K701 Datasheet(PDF) 9 Page - EPCOS

Part # B25620B0287K701
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B0287K701 Datasheet(HTML) 9 Page - EPCOS

Back Button B25620B0287K701 Datasheet HTML 5Page - EPCOS B25620B0287K701 Datasheet HTML 6Page - EPCOS B25620B0287K701 Datasheet HTML 7Page - EPCOS B25620B0287K701 Datasheet HTML 8Page - EPCOS B25620B0287K701 Datasheet HTML 9Page - EPCOS B25620B0287K701 Datasheet HTML 10Page - EPCOS B25620B0287K701 Datasheet HTML 11Page - EPCOS B25620B0287K701 Datasheet HTML 12Page - EPCOS B25620B0287K701 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 9 of 20
Important notes at the end of this document.
VR = 1100 V DC / VTT = 1650 V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig.
Ordering code
140
50
8.6
2.9
1.4
≤ 40
5.4
85
70
0.45
1
B25620B1147K101
140
50
8.6
2.9
1.4
≤ 40
5.4
85
73
0.48
2
B25620C1147K101
220
54
9.5
3.2
1.5
≤ 40
4.3
90
83
0.53
3
B25623B1227K104
270
55
9.6
3.2
1.7
≤ 40
3.7
90
95
0.73
3
B25623B1277K104
280
75
17.2
5.7
1.0
≤ 40
4
116
70
0.9
4
B25620B1287K103
310
50
8.6
2.9
2.3
≤ 40
3.1
85
120
0.71
1
B25620B1317K101
310
50
8.6
2.9
2.3
≤ 40
3.1
85
123
0.73
2
B25620C1317K101
370
56
9.5
3.2
2.2
≤ 40
3.0
90
120
0.9
3
B25623B1377K104
400
63
8.8
2.9
2.4
≤ 40
2.8
85
132
0.87
1
B25620B1407K101
400
63
8.8
2.9
2.4
≤ 40
2.8
85
135
0.9
2
B25620C1407K101
400
75
17.3
5.8
1.5
≤ 40
2.2
85
151
1
2
B25620D1407K101
420
63
8.8
2.9
2.4
≤ 40
2.8
85
135
0.87
1
B25620B1427A101*
420
63
8.8
2.9
2.4
≤ 40
2.8
85
138
0.9
2
B25620C1427A101*
420
75
17.3
5.8
1.5
≤ 40
2.2
85
151
1
2
B25620D1427K101
420
56
9.5
3.2
2.4
≤ 40
2.7
90
132
1
3
B25623B1427K104
450
75
16.5
5.4
1.3
≤ 40
2.9
116
95
1.13
4
B25620B1457K103
450
80
17.3
5.8
1.0
≤ 60
2.2
85
176
1.05
2
B25620D1457K101
470
56
9.5
3.2
2.6
≤ 40
2.4
90
145
1.2
3
B25623B1477K104
480
80
17.3
5.8
1.0
≤ 60
2.2
85
173
1.05
1
B25620B1487K101
480
80
17.3
5.8
1.0
≤ 60
2.2
85
176
1.08
2
B25620C1487K101
530
53
18.8
6.3
0.8
≤ 60
2.1
90
173
1.3
3
B25623B1537K104
610
80
16.8
5.6
3.13
≤ 40
2.3
116
120
1.4
4
B25620B1617K103
610
80
17
5.7
1.1
≤ 60
1.7
85
226
2.2
2
B25620D1617K101
700
80
16.8
5.6
1.7
≤ 40
2.1
116
132
1.55
4
B25620B1707K103
700
80
27
8.9
1.1
≤ 60
1.7
116
176
2.05
4
B25620D1707K103
940
80
32.7
11
0.7
≤ 60
1.6
116
173
2.06
4
B25620B1947K103
1100
80
30.8
10.3
0.8
≤ 100
1.3
116
223
2.56
4
B25620B1118K103
1500
80
32.5
10.8
0.9
≤ 90
1
116
295
2.8
4
B25620B1158K103
* Capacitance tolerance A: -15% ... 0%
1 I
MAX at
Θ 40°C, refer to “current derating” section for more details
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25620B0287K701

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620B0287K701 TDK-B25620B0287K701 Datasheet
652Kb / 23P
   Power Electronic Capacitors
B25620B0287K701 TDK-B25620B0287K701 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B0287K701

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com