Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21BD222SN1L Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BD222SN1L
Description  For Automotive Chip Ferrite Bead for Automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BD222SN1L Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM21BD222SN1L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21BD222SN1L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21BD222SN1L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21BD222SN1L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21BD222SN1L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21BD222SN1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
4
Noise Suppression Products/EMI Suppression Filters > For Automotive > Chip Ferrite Bead for Automotive
2012.1.10
oThis data sheet is applied for CHIP FERRITE BEAD used for Automotive Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM21BD102SH1
1
10
100
1000
3000
Frequency (MHz)
1600
400
800
1200
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD152SH1
1
10
100
1000
3000
Frequency (MHz)
2000
1200
1600
800
400
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD182SH1
1
10
100
1000
3000
Frequency (MHz)
2400
400
800
1200
1600
2000
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD222TH1
1
10
100
1000
3000
Frequency (MHz)
2400
400
800
1200
1600
2000
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD222SH1
1
10
100
1000
3000
Frequency (MHz)
2400
400
800
1200
1600
2000
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD272SH1
1
10
100
1000
3000
Frequency (MHz)
3200
800
1600
2400
0
R
X
Z
Continued on the following page.


Similar Part No. - BLM21BD222SN1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD222SN1L MURATA-BLM21BD222SN1L Datasheet
306Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
logo
Murata Manufacturing Co...
BLM21BD222SN1L MURATA1-BLM21BD222SN1L Datasheet
331Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM21BD222SN1L MURATA1-BLM21BD222SN1L Datasheet
330Kb / 10P
   Chip Ferrite Bead
BLM21BD222SN1L MURATA1-BLM21BD222SN1L Datasheet
330Kb / 10P
   Chip Ferrite Bead BLM21
More results

Similar Description - BLM21BD222SN1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31PG391SN1L MURATA-BLM31PG391SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive
BLM18PG300SH1D MURATA-BLM18PG300SH1D Datasheet
121Kb / 4P
   For Automotive Chip Ferrite Bead for Automotive
logo
Socay Electornics Co., ...
SCGB1005W102EPF SOCAY-SCGB1005W102EPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
logo
Murata Manufacturing Co...
BLM31PG121SN1L MURATA-BLM31PG121SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive BLM31P Series (1206 Size)
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V1608 EATON-MFBA2V1608 Datasheet
999Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V2012 EATON-MFBA2V2012 Datasheet
914Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HL331-TV TAIYO-YUDEN-FBMH1608HL331-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com