Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS28F128P33TF70A Datasheet(PDF) 6 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 6 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 2Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 3Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 4Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 5Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 6Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 7Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 8Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 9Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
6
Order Number: 208034-04
1.3
Memory Maps
Figure 1: P33-65nm Memory Map (64-Mbit and 128-Mbit Densities)
16- Kword Block
64- Kword Block
16- Kword Block
Bottom Boot
Word Wide (x16) Mode
7F0000
7FFFFF
000000 – 003FFF
64- Kword Block
3F0000 3FFFFF
1
0
130
A<23:1>128- Mbit
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
004000 – 007FFF
008000 – 00BFFF
00C000– 00FFFF
010000 – 01FFFF
020000 – 02FFFF
2
3
4
5
66
16- Kword Block
16- Kword Block
Top Boot
Word Wide (x16) Mode
64- Kword Block
128
127
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
129
130
0
1
126
000000–00FFFF
010000–01FFFF
7F 0000–
7F4000–7F7000
7F8000–7FBFFF
7FC000–7FFFFF
7E0000–7EFFFF
A<22:1> 64-Mbit
A<23:1>128- Mbit
16- Kword Block
16- Kword Block
Top Boot
Word Wide (x16) Mode
64- Kword Block
64
63
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
65
66
0
1
62
000000–00FFFF
010000–01FFFF
3F0000–3F3FFF
3F4000–3F7FFF
3F8000–3FBFFF
3FC000–3FFFFF
3E0000–3EFFFF
A<22:1> 64-Mbit
7F3FFF


Similar Part No. - JS28F128P33TF70A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS28F128P33TF70 NUMONYX-JS28F128P33TF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
More results

Similar Description - JS28F128P33TF70A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
logo
Infineon Technologies A...
HYB25D128323C INFINEON-HYB25D128323C Datasheet
1Mb / 53P
   128 Mbit DDR SGRAM
V1.7, July 2003
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com