Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5205-3.1BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5205-3.1BM5
Description  150mA Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5205-3.1BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5205-3.1BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel
MIC5205
February 2006
3
M9999-020806
(408) 955-1690
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN).............................. –20V to +20V
Enable Input Voltage (VEN)............................. –20V to +20V
Power Dissipation (PD) .................Internally Limited, Note 3
Lead Temperature (soldering, 5 sec.)........................ 260
°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (TS).........................–65°C to +150°C
Operating Ratings(2)
Input Voltage (VIN)......................................... +2.5V to +16V
Enable Input Voltage (VEN).....................................0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance, SOT-23-5 (θJA) ........................ Note 3
Electrical Characteristics(4)
VIN = VOUT + 1V; IL = 100µA; CL = 1.0µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
variations from specified VOUT
–1
–2
1
2
%
%
∆VO/∆T
Output Voltage Temperature
Coefficient
Note 4
40
ppm/°C
∆VO/VO
Line Regulation
VIN = VOUT + 1V to 16V
0.004
0.012
0.05
%/V
%/V
∆VO/VO
Load Regulation
IL = 0.1mA to 150mA, Note 5
0.02
0.2
0.5
%
%
VIN – VO
Dropout Voltage, Note 6
IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
10
110
140
165
50
70
150
230
250
300
275
350
mV
mV
mV
mV
mV
mV
mV
mV
IGND
Quiescent Current
VEN ≤ 0.4V (shutdown)
VEN ≤ 0.18V (shutdown)
0.01
1
5
µA
µA
IGND
Ground Pin Current, Note 7
VEN ≥ 2.0V, IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
80
350
600
1300
125
150
600
800
1000
1500
1900
2500
µA
µA
µA
µA
µA
µA
µA
µA
PSRR
Ripple Rejection
Frequency = 100Hz, IL = 100µA
75
dB
ILIMIT
Current Limit
VOUT = 0V
320
500
mA
∆VO/∆PD
Thermal Regulation
Note 8
0.05
%/W
eNO
Output Noise
IL = 50mA, CL = 2.2µF, 470pF from BYP to
GND
260
Hz
nV/
ENABLE Input
VIL
Enable Input Logic-Low Voltage
regulator shutdown
0.4
0.18
V
V
VIH
Enable Input Logic-High
Voltage
regulator enabled
2.0
V
IIL
IIH
Enable Input Current
VIL ≤ 0.4V
VIL ≤ 0.18V
VIL = 2.0V
VIL = 2.0V
2
0.01
5
–1
–2
20
25
µA
µA
µA
µA


Similar Part No. - MIC5205-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com