Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS74A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74ALS74A
Description  Dual D Positive-Edge-Triggered Flip-Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS74A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS74A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS74A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: The (
↑) arrow indicates the positive edge of the Clock is used for reference.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
87.0
°C/W
M Package
117.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency
0
34
MHz
tW(CLK)
Width of Clock Pulse
HIGH
14.5
ns
LOW
14.5
ns
tW
Pulse Width
LOW
14.5
ns
Preset & Clear
tSU
Data Setup Time
Data
15
↑ (Note 3)
PRE or CLR
10
↑ (Note 3)
ns
Inactive
tH
Data Hold Time
0
↑ (Note 3)
ns
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - DM74ALS74A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS00 FAIRCHILD-DM74ALS00 Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AM FAIRCHILD-DM74ALS00AM Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AN FAIRCHILD-DM74ALS00AN Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00ASJ FAIRCHILD-DM74ALS00ASJ Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
More results

Similar Description - DM74ALS74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com