Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX257CJM4A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCIMX257CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX257CJM4A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCIMX257CJM4A Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX257CJM4A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 9
Freescale Semiconductor
9
2.1
Special Signal Considerations
Special signal considerations are listed in Table 4. The package contact assignment is found in Section 4,
“Package Information and Contact Assignment.” Signal descriptions are provided in the reference manual.
.
SLCD
Smart LCD
controller
Multimedia
peripherals
The SLCDC module transfers data from the display memory buffer to the
external display device.
SPBA
Shared
peripheral bus
arbiter
System control
The SPBA controls access to the shared peripherals. It supports shared
peripheral ownership and access rights to an owned peripheral.
SSI(2)
I2S/SSI/AC97
interface
Connectivity
peripherals
The SSI is a full-duplex serial port that allows the processor to communicate
with a variety of serial protocols, including the Freescale Semiconductor SPI
standard and the inter-IC sound bus standard (I2S). The SSIs
interface to the AUDMUX for flexible audio routing.
TSC (and ADC) Touchscreen
controller (and
A/D converter)
Multimedia
peripherals
The touchscreen controller and associated Analog-to-Digital Converter
(ADC) together provide a resistive touchscreen solution. The module
implements simultaneous touchscreen control and auxiliary ADC operation
for temperature, voltage, and other measurement functions.
UART(5)
UART
interface
Connectivity
peripherals
Each of the UART modules supports the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, one or two stop bits, programmable parity (even,
odd, or none)
• Programmable baud rates up to 4 MHz. This is a higher maximum baud
rate than the 1.875 MHz specified by the TIA/EIA-232-F standard and
previous Freescale UART modules. 32-byte FIFO on Tx and 32 half-word
FIFO on Rx supporting auto-baud
• IrDA-1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USBOTG
USBHOST
High-speed
USB
on-the-go
Connectivity
peripherals
The USB module provides high-performance USB On-The-Go (OTG) and
host functionality (up to 480 Mbps), compliant with the USB 2.0 specification,
the OTG supplement, and the ULPI 1.0 Low Pin Count specification. The
module has DMA capabilities for handling data transfer between internal
buffers and system memory. An OTG HS PHY and HOST FS PHY are also
integrated.
Table 4. Signal Considerations
Signal
Description
BAT_VDD
DryIce backup power supply input.
CLK0
Clock-out pin; renders the internal clock visible to users for debugging. The clock source is controllable
through CRM registers. This pin can also be configured (through muxing) to work as a normal GPIO.
CLK_SEL
Used to select the ARM clock source from MPLL out or from external EXT_ARMCLK. In normal operation,
CLK_SEL should be connected to GND.
EXT_ARMCLK
Primarily for Freescale factory use. There is no internal on-chip pull-up/down on this pin, so it must be
externally connected to GND or VDD. Aside from factory use, this pin can also be configured (through
muxing) to work as a normal GPIO.
Table 3. i.MX25 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX257CJM4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX257CJM4 FREESCALE-MCIMX257CJM4 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257CJM4 FREESCALE-MCIMX257CJM4 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257CJM4 FREESCALE-MCIMX257CJM4 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX257CJM4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com