Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX253DJM4 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX253DJM4
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX253DJM4 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX253DJM4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX253DJM4 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 9
6
Freescale Semiconductor
2Features
Table 3 describes the digital and analog modules of the device.
Table 3. i.MX25 Digital and Analog Modules
Block
Mnemonic
Block Name
Subsystem
Brief Description
1-WIRE
1-Wire
Interface
Connectivity
peripherals
1-Wire support provided for interfacing with an on-board EEPROM, and
smart battery interfaces, for example: Dallas DS2502.
ARM9 or
ARM926
ARM926
platform and
memory
ARM®
The ARM926 Platform consists of the ARM926EJ-S™ core, the ETM
real-time debug modules, a 5x5 Multi-Layer AHB crossbar switch, and a
“primary AHB” complex. It contains the 16 Kbyte L1 instruction cache, 16
Kbyte L1 data cache, 32 Kbyte ROM and 128 Kbyte RAM.
ATA
ATA module
Connectivity
peripherals
The ATA module is an AT attachment host interface. Its main use is to
interface with IDE hard disc drives and ATAPI optical disc drives. It interfaces
with the ATA device over a number of ATA signals.
AUDMUX
Digital audio
mux
Multimedia
peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (SSIs) and
peripheral serial interfaces (audio codecs). The AUDMUX has two sets of
interfaces: internal ports to on-chip peripherals, and external ports to off-chip
audio devices. Data is routed by configuring the appropriate internal and
external ports.
CCM
Clock control
module
Clocks
This block generates all clocks for the iMX25 system. The CCM also
manages the ARM926 Platform's low-power modes (wait, stop, and doze) by
disabling peripheral clocks appropriately for power conservation.
CSPI(3)
Configurable
serial
peripheral
interface
Connectivity
peripherals
This module is a serial interface equipped with data FIFOs. Each
master/slave-configurable SPI module is capable of interfacing to both serial
port interface master and slave devices. The CSPI ready (SPI_RDY) and
Slave Select (SS) control signals enable fast data communication with fewer
software interrupts.
DRYICE
DryIce module Security
DryIce provides volatile key storage for Point-of-Sale (POS) terminals, and a
trusted time source for Digital Rights Management (DRM) schemes. Several
tamper-detect circuits are also provided to support key erasure and time
invalidation in the event of tampering. Alarms and/or interrupts can also
assert if tampering is detected. DryIce also includes a Real Time clock (RTC)
that can be used in secure and non-secure applications.
EMI
External
memory
interface
Connectivity
peripherals
The External Memory Interface (EMI) module provides access to external
memory for the ARM and other masters. It is composed of four main
submodules:
• M3IF provides arbitration between multiple masters requesting access to
the external memory.
• Enhanced SDRAM/LPDDR memory controller (ESDCTL) interfaces to
DDR2 and SDR interfaces.
• NAND Flash controller (NFC) provides an interface to NAND Flash
memories.
• Wireless External Interface Memory controller (WEIM) interfaces to NOR
Flash and PSRAM.


Similar Part No. - MCIMX253DJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX253DJM4 FREESCALE-MCIMX253DJM4 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX253DJM4 FREESCALE-MCIMX253DJM4 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX253DJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com