Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS273N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74ALS273N
Description  Octal D-Type Edge-Triggered Flip-Flop with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS273N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS273N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS273N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006216
www.fairchildsemi.com
April 1984
Revised February 2000
DM74ALS273
Octal D-Type Edge-Triggered Flip-Flop with Clear
General Description
These monolithic, positive-edge-triggered flip-flops utilize
TTL circuitry to implement D-type flip-flop logic with a direct
clear input.
Information at the D inputs meeting the setup requirements
is transferred to the Q outputs on the positive-going edge
of the clock pulse. Clock triggering occurs at a particular
voltage level and is not directly related to the transition time
of the positive-going pulse. When the clock input is at
either the HIGH or LOW level, the D input signal has no
effect at the output.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Buffer-type outputs and improved AC offer significant
advantage over DM74LS273.
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally
and
pin-for-pin
compatible
with
DM74LS273.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74ALS273WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS273SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS273MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS273N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM74ALS273N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
DM74ALS27M FAIRCHILD-DM74ALS27M Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
DM74ALS27N FAIRCHILD-DM74ALS27N Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results

Similar Description - DM74ALS273N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS564A FAIRCHILD-DM74ALS564A Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Fairchild Semiconductor
DM74ALS534 FAIRCHILD-DM74ALS534 Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com