Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2189MBSTZ-266 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2189MBSTZ-266
Description  DSP Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189MBSTZ-266 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2189MBSTZ-266 Datasheet HTML 6Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 7Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 8Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 9Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 10Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 11Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 12Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 13Page - Analog Devices ADSP-2189MBSTZ-266 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. A
ADSP-2189M
–10–
Byte Memory
The byte memory space is a bidirectional, 8-bit-wide, external
memory space used to store programs and data. Byte memory is
accessed using the BDMA feature. The byte memory space
consists of 256 pages, each of which is 16K
× 8.
The byte memory space on the ADSP-2189M supports read
and write operations as well as four different data formats. The
byte memory uses data bits 15:8 for data. The byte memory
uses data bits 23:16 and address bits 13:0 to create a 22-bit
address. This allows up to a 4 meg
× 8 (32 megabit) ROM or
RAM to be used without glue logic. All byte memory accesses
are timed by the BMWAIT register and the wait-state mode bit.
Byte Memory DMA (BDMA, Full Memory Mode)
The Byte memory DMA controller allows loading and storing of
program instructions and data using the byte memory space.
The BDMA circuit is able to access the byte memory space
while the processor is operating normally and steals only one
DSP cycle per 8-, 16- or 24-bit word transferred.
BDMA CONTROL
BMPAGE
BDMA
OVERLAY
BITS
BTYPE
BDIR
0 = LOAD FROM BM
1 = STORE TO BM
BCR
0 = RUN DURING BDMA
1 = HALT DURING BDMA
00
0
0
0
0
00
000
0
1
0
0
0
15 14 13 12 11 10
9
8
7
6
5
43210
DM (0 3FE3)
Figure 9. BDMA Control Register
The BDMA circuit supports four different data formats which
are selected by the BTYPE register field. The appropriate num-
ber of 8-bit accesses are done from the byte memory space to
build the word size selected. Table VI shows the data formats
supported by the BDMA circuit.
Table VI. Data Formats
Internal
BTYPE
Memory Space
Word Size
Alignment
00
Program Memory
24
Full Word
01
Data Memory
16
Full Word
10
Data Memory
8
MSBs
11
Data Memory
8
LSBs
Unused bits in the 8-bit data memory formats are filled with 0s.
The BIAD register field is used to specify the starting address
for the on-chip memory involved with the transfer. The 14-bit
BEAD register specifies the starting address for the external byte
memory space. The 8-bit BMPAGE register specifies the start-
ing page for the external byte memory space. The BDIR register
field selects the direction of the transfer. Finally, the 14-bit
BWCOUNT register specifies the number of DSP words to
transfer and initiates the BDMA circuit transfers.
BDMA accesses can cross page boundaries during sequential
addressing. A BDMA interrupt is generated on the completion
of the number of transfers specified by the BWCOUNT register.
The BWCOUNT register is updated after each transfer so it can
be used to check the status of the transfers. When it reaches
zero, the transfers have finished and a BDMA interrupt is gener-
ated. The BMPAGE and BEAD registers must not be accessed
by the DSP during BDMA operations.
The source or destination of a BDMA transfer will always be
on-chip program or data memory.
When the BWCOUNT register is written with a nonzero value
the BDMA circuit starts executing byte memory accesses with
wait-states set by BMWAIT. These accesses continue until the
count reaches zero. When enough accesses have occurred to
create a destination word, it is transferred to or from on-chip
memory. The transfer takes one DSP cycle. DSP accesses to
external memory have priority over BDMA byte memory
accesses.
The BDMA Context Reset bit (BCR) controls whether the
processor is held off while the BDMA accesses are occurring.
Setting the BCR bit to 0 allows the processor to continue opera-
tions. Setting the BCR bit to 1 causes the processor to stop
execution while the BDMA accesses are occurring, to clear the
context of the processor, and start execution at address 0 when
the BDMA accesses have completed.
The BDMA overlay bits specify the OVLAY memory blocks to
be accessed for internal memory.
The BMWAIT field, which has four bits on ADSP-2189M,
allows selection of up to 15 wait-states for BDMA transfers.
Internal Memory DMA Port (IDMA Port; Host Memory
Mode)
The IDMA Port provides an efficient means of communication
between a host system and the ADSP-2189M. The port is used
to access the on-chip program memory and data memory of the
DSP with only one DSP cycle per word overhead. The IDMA
port cannot, however, be used to write to the DSP’s memory-
mapped control registers. A typical IDMA transfer process is
described as follows:
1. Host starts IDMA transfer.
2. Host checks
IACK control line to see if the DSP is busy.
3. Host uses
IS and IAL control lines to latch either the DMA
starting address (IDMAA) or the PM/DM OVLAY selection
into the DSP’s IDMA control registers. If Bit 15 = 1, the
value of bits 7:0 represent the IDMA overlay: Bits 14:8 must
be set to 0. If Bit 15 = 0, the value of bits 13:0 represent the
starting address of internal memory to be accessed and Bit 14
reflects PM or DM for access.
4. Host uses
IS and IRD (or IWR) to read (or write) DSP inter-
nal memory (PM or DM).
5. Host checks
IACK line to see if the DSP has completed the
previous IDMA operation.
6. Host ends IDMA transfer.


Similar Part No. - ADSP-2189MBSTZ-266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2189MBST-266 AD-ADSP-2189MBST-266 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2189MBST-266 AD-ADSP-2189MBST-266 Datasheet
248Kb / 32P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2189MBSTZ-266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com