Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3050ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3050ARZ
Description  200 kHz, 1 A High Voltage Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050ARZ Datasheet(HTML) 4 Page - Analog Devices

  ADP3050ARZ Datasheet HTML 1Page - Analog Devices ADP3050ARZ Datasheet HTML 2Page - Analog Devices ADP3050ARZ Datasheet HTML 3Page - Analog Devices ADP3050ARZ Datasheet HTML 4Page - Analog Devices ADP3050ARZ Datasheet HTML 5Page - Analog Devices ADP3050ARZ Datasheet HTML 6Page - Analog Devices ADP3050ARZ Datasheet HTML 7Page - Analog Devices ADP3050ARZ Datasheet HTML 8Page - Analog Devices ADP3050ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP3050
Data Sheet
Rev. C | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN Voltage
Continuous
−0.3 V to +40 V
Peak (<100 ms)
−0.3 V to +60 V
BOOST Voltage
Continuous
−0.3 V to +45 V
Peak (<100 ms)
−0.3 V to +65 V
SD, BIAS Voltage
−0.3 V to IN + 0.3 V
FB Voltage
−0.3 V to +8 V
COMP Voltage
−0.3 V to IN + 0.3 V
SWITCH Voltage
−0.3 V to IN + 0.3 V
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA (4-Layer PCB)1
60.6°C/W
θJA (4-Layer PCB)2
87.5°C/W
Lead Temperature (Soldering, 60 sec)
300°C
1
Applied to all models that are not Pb-free.
2
Applied to all Pb-free models.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADP3050ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Similar Description - ADP3050ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
   200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV. 0
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com