Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM483EARZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADM483EARZ-REEL
Description  짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483EARZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM483EARZ-REEL Datasheet HTML 3Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 4Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 5Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 6Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 7Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 8Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 9Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 10Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM483E
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOW VOLTAGE (V)
Figure 3. Output Current vs. Receiver Output Low Voltage
–30
–25
–20
–15
–10
–5
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT HIGH VOLTAGE (V)
Figure 4. Output Current vs. Receiver Output High Voltage
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 5. Receiver Output High Voltage vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 6. Receiver Output Low Voltage vs. Temperature
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 7. Driver Output Current vs. Differential Output Voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40
–20
0
20
406080
TEMPERATURE (°C)
Figure 8. Driver Differential Output Voltage vs. Temperature


Similar Part No. - ADM483EARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results

Similar Description - ADM483EARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com