Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5711-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5711-RC
Description  High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5711-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5711-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23.11
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
High Current Toroid Inductors
Features
• Low radiation
• High current capacity
• High inductance
• Increase inductance with AC excitation
current to compensate reduced inductance
with DC bias
• Low cost
• Operating temperature: -55 to 105 °C
5700 Series
Part
Number
L (µH)
±15 %
@ 1 KHz
I (A)
Max.
L (µH)
±15 %
@ I rated
DCR
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
Dim.
D
Nom.
5701-RC
10
11.00
5
0.008
0.875
0.437
0.32
0.064
5702-RC
25
5.50
12
0.014
0.875
0.437
0.30
0.040
5703-RC
125
2.75
70
0.12
0.875
0.437
0.30
0.020
5704-RC
275
2.00
150
0.24
0.875
0.437
0.30
0.016
5705-RC
450
1.50
250
0.49
0.875
0.437
0.30
0.012
5706-RC
25
9.00
15
0.012
1.125
0.562
0.45
0.064
5707-RC
75
5.00
40
0.04
1.125
0.562
0.42
0.036
5708-RC
400
2.25
225
0.33
1.125
0.562
0.42
0.018
5709-RC
800
1.75
475
0.64
1.125
0.562
0.42
0.015
5710-RC
1000
1.50
575
0.98
1.125
0.562
0.40
0.012
5711-RC
50
9.50
25
0.012
1.250
0.625
0.53
0.064
5712-RC
150
4.75
85
0.046
1.250
0.625
0.50
0.036
5713-RC
700
2.25
400
0.42
1.250
0.625
0.50
0.018
5714-RC
1250
1.75
750
0.85
1.250
0.625
0.48
0.015
5715-RC
1600
1.50
950
1.27
1.250
0.625
0.48
0.012
5716-RC
125
7.75
65
0.032
1.812
0.750
0.68
0.064
5717-RC
500
4.00
275
0.15
1.812
0.750
0.65
0.032
5718-RC
1100
2.50
650
0.33
1.812
0.750
0.65
0.025
5719-RC
2250
1.75
1350
0.92
1.812
0.750
0.65
0.018
5720-RC
4500
1.25
2700
2.64
1.812
0.750
0.65
0.012
5721-RC
250
8.00
125
0.041
2.125
0.937
0.79
0.062
5722-RC
900
3.75
500
0.175
2.125
0.937
0.75
0.032
5723-RC
1800
2.50
1000
0.55
2.125
0.937
0.75
0.023
5724-RC
4000
1.75
2100
1.16
2.125
0.937
0.74
0.018
5725-RC
8000
1.00
4500
3.34
2.125
0.937
0.74
0.012
5726-RC
25
2.50
16
0.040
0.550
0.220
0.21
0.020
5727-RC
35
2.50
29
0.035
0.700
0.320
0.30
0.025
5728-RC
50
2.50
35
0.060
0.750
0.320
0.28
0.020
5729-RC
100
2.50
70
0.080
0.850
0.360
0.33
0.020
5730-RC
70
3.00
50
0.050
0.850
0.360
0.33
0.025
5731-RC
40
4.00
30
0.025
0.850
0.360
0.34
0.032
B
D
C
Lead tinned to
within 1/8" of body
Dimensions: Inches
A
0.5 Min.
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Similar Part No. - 5711-RC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5711 BITECH-5711 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
5711 BITECH-5711 Datasheet
121Kb / 4P
   Precision Potentiometer
logo
List of Unclassifed Man...
5711R ETC1-5711R Datasheet
770Kb / 5P
   Surface Mounting LEDs
logo
Bi technologies
5711R100KL.50XX BITECH-5711R100KL.50XX Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
5711R10KL.50XX BITECH-5711R10KL.50XX Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
More results

Similar Description - 5711-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com