Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG736BRMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG736BRMZ
Description  CMOS Low Voltage 2.5Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736BRMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG736BRMZ Datasheet HTML 2Page - Analog Devices ADG736BRMZ Datasheet HTML 3Page - Analog Devices ADG736BRMZ Datasheet HTML 4Page - Analog Devices ADG736BRMZ Datasheet HTML 5Page - Analog Devices ADG736BRMZ Datasheet HTML 6Page - Analog Devices ADG736BRMZ Datasheet HTML 7Page - Analog Devices ADG736BRMZ Datasheet HTML 8Page - Analog Devices ADG736BRMZ Datasheet HTML 9Page - Analog Devices ADG736BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG736
Data Sheet
Rev. D | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADG736
TOP VIEW
(Not to Scale)
IN1
1
S1A
2
GND
3
S2A
4
IN2
5
D1
S1B
VDD
S2B
D2
10
9
8
7
6
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Logic Control Input.
2
S1A
Source Terminal. May be an input or output.
3
GND
Ground (0 V) Reference.
4
S2A
Source Terminal. May be an input or output.
5
IN2
Logic Control Input.
6
D2
Drain Terminal. May be an input or output.
7
S2B
Source Terminal. May be an input or output.
8
VDD
Most Positive Power Supply Potential.
9
S1B
Source Terminal. May be an input or output.
10
D1
Drain Terminal. May be an input or output.
Table 5. Truth Table
Logic
Switch A
Switch B
0
Off
On
1
On
Off


Similar Part No. - ADG736BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRMZ-REEL AD-ADG736BRMZ-REEL Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
More results

Similar Description - ADG736BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736L AD-ADG736L Datasheet
269Kb / 12P
   CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535_V01 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
logo
STMicroelectronics
STG719 STMICROELECTRONICS-STG719_07 Datasheet
201Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
STG719CTR STMICROELECTRONICS-STG719CTR Datasheet
137Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Analog Devices
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com