Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG511BRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG511BRZ
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511BRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG511BRZ Datasheet HTML 4Page - Analog Devices ADG511BRZ Datasheet HTML 5Page - Analog Devices ADG511BRZ Datasheet HTML 6Page - Analog Devices ADG511BRZ Datasheet HTML 7Page - Analog Devices ADG511BRZ Datasheet HTML 8Page - Analog Devices ADG511BRZ Datasheet HTML 9Page - Analog Devices ADG511BRZ Datasheet HTML 10Page - Analog Devices ADG511BRZ Datasheet HTML 11Page - Analog Devices ADG511BRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG511/ADG512/ADG513
REV. C
–8–
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0.006
0.000
–0.006
–5
0.004
0.002
–0.002
–0.004
VDD = +5V
VSS = –5V
TA = +25 C
ID (OFF)
ID (ON)
IS (OFF)
–4
–3
–2
–1
0
1
234
5
TPC 7. Leakage Currents as a Function of VD (VS)
FREQUENCY – Hz
110
100
60
100
10M
1k
10k
100k
1M
90
80
70
VDD = +5V
VSS = –5V
TPC 8. Crosstalk vs. Frequency
APPLICATION
Figure 1 illustrates a precise sample-and-hold circuit. An AD845
is used as the input buffer while the output operational ampli-
fier is an OP07. During the track mode, SW1 is closed and the
output VOUT follows the input signal VIN. In the hold mode,
SW1 is opened and the signal is held by the hold capacitor CH.
Due to switch and capacitor leakage, the voltage on the hold
capacitor will decrease with time. The ADG511/ADG512/
ADG513 minimizes this droop due to its low leakage specifica-
tions. The droop rate is further minimized by the use of a poly-
styrene hold capacitor. The droop rate for the circuit shown is
typically 15
µV/µs.
A second switch, SW2, which operates in parallel with SW1, is
included in this circuit to reduce pedestal error. Since both
switches will be at the same potential, they will have a differen-
tial effect on the op amp OP07, which will minimize charge
injection effects. Pedestal error is also reduced by the compensation
network RC and CC. This compensation network also reduces
the hold time glitch while optimizing the acquisition time. Using
the illustrated op amps and component values, the pedestal
error has a maximum value of 5 mV over the
±3 V input range.
The acquisition time is 2.5
µs while the settling time is 1.85 µs.
+5V
–5V
2200pF
RC
75
CC
1000pF
CH
2200pF
VOUT
ADG511/
ADG512/
ADG513
SW1
SW2
S
S
D
D
+5V
–5V
AD845
+5V
–5V
VIN
OP07
Figure 1. Accurate Sample-and-Hold
TRENCH ISOLATION
The MOS devices that make up the ADG511A/ADG512A/
ADG513A are isolated from each other by an oxide layer
(trench) (see Figure 2). When the NMOS and PMOS devices
are not electrically isolated from each other, there exists the
possibility of “latch-up” caused by parasitic junctions between
CMOS transistors. Latch-up is caused when P-N junctions that
are normally reverse biased, become forward biased, causing
large currents to flow. This can be destructive.
CMOS devices are normally isolated from each other by Junction
Isolation. In Junction Isolation the N and P wells of the CMOS
transistors form a diode that is reverse biased under normal
operation. However, during overvoltage conditions, this diode
becomes forward biased. A Silicon-Controlled Rectifier (SCR)-
type circuit is formed by the two transistors, causing a signifi-
cant amplification of the current that, in turn, leads to latch-up.
With Trench Isolation, this diode is removed; the result is a
latch-up-proof circuit.
BURIED OXIDE LAYER
SUBSTRATE (BACKGATE)
T
R
E
N
C
H
T
R
E
N
C
H
T
R
E
N
C
H
P+
P+
P-CHANNEL
N+
N+
N-CHANNEL
P
N
VG
VD
VS
VG
VD
VS
Figure 2. Trench Isolation


Similar Part No. - ADG511BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG511BR AD-ADG511BR Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG511BR AD-ADG511BR Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BR AD-ADG511BR Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BR AD-ADG511BR Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results

Similar Description - ADG511BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511 Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com