Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG444BRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG444BRZ
Description  LC2MOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG444BRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG444BRZ Datasheet HTML 4Page - Analog Devices ADG444BRZ Datasheet HTML 5Page - Analog Devices ADG444BRZ Datasheet HTML 6Page - Analog Devices ADG444BRZ Datasheet HTML 7Page - Analog Devices ADG444BRZ Datasheet HTML 8Page - Analog Devices ADG444BRZ Datasheet HTML 9Page - Analog Devices ADG444BRZ Datasheet HTML 10Page - Analog Devices ADG444BRZ Datasheet HTML 11Page - Analog Devices ADG444BRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG441/ADG442/ADG444
Rev. A | Page 8 of 16
VS, VD (V)
12
0
246
8
10
0.010
0.005
0
–0.005
–0.010
ID (OFF)
IS (OFF)
ID (ON)
VDD = 12V
VSS = 0V
TA = 25°C
Figure 10. Leakage Currents as a Function of VS (VD)
VS (V)
15
–15
–12
–9
–6
–3
0369
12
40
20
10
30
0
–20
–30
–10
–40
TA = 25°C
VDD = +15V
VSS = –15V
VDD = 12V
VSS = 0V
Figure 11. Charge Injection vs. Source Voltage
SUPPLY VOLTAGE (V)
±20
±10
±12
±14
±16
±18
VIN = 8V
tON
tOFF
120
100
80
60
40
Figure 12. Switching Time vs. Bipolar Supply
SUPPLY VOLTAGE (V)
20
810
14
12
16
18
160
140
120
100
80
60
40
20
VIN = 8V
tON
tOFF
Figure 13. Switching Time vs. Single Supply


Similar Part No. - ADG444BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG444BRZ-REEL1 AD-ADG444BRZ-REEL1 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG444BRZ1 AD-ADG444BRZ1 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
More results

Similar Description - ADG444BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com