Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EL25-SVK00 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL25-SVK00
Description  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-SVK00 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL25-SVK00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Ammo Pack Drawing
Example of Wave Soldering Temperature Profile for TH LED
Refer to application note AN5334 for m­ore inform­ation about soldering and handling of high brightness TH LED lam­ps.
0
30
100
250
200
150
100
50
TIME (MINUTES)
PREHEAT
TURBULENT WAVE
LAMINAR WAVE
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature:
245°C± 5°C (maximum peak
temperature = 250°C)
Dwell time: 1.5 sec - 3.0 sec
(maximum = 3sec)
Note: Allow for board to be
sufficiently cooled to room
temperature before exerting
mechanical force.
20
10
40
50
70
90
80
60
18.00 ± 0.50
(0.7087 ± 0.0197)
6.35 ± 1.30
(0.25 ± 0.0512)
12.70 ± 1.00
(0.50 ± 0.0394)
9.125 ± 0.625
(0.3593 ± 0.0246)
12.70 ± 0.30
(0.50 ± 0.0118)
CATHODE
0.70 ± 0.20
(0.0276 ± 0.0079)
20.50 ± 1.00
(0.807 ± 0.039)
A
A
VIEW A–A
∅ 4.00 ± 0.20
(0.1575 ± 0.008)
TYP.
ALL DIMENSIONS IN MILLIMETERS (INCHES).
NOTE: THE AMMO-PACKS DRAWING IS APPLICABLE FOR PACKAGING OPTION -DD & -ZZ AND REGARDLESS OF STANDOFF OR NON-STANDOFF.


Similar Part No. - HLMP-EL25-SVK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EL25-SVK00 BOARDCOM-HLMP-EL25-SVK00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

Similar Description - HLMP-EL25-SVK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com