Electronic Components Datasheet Search |
|
HLMP-EL25-Q0000 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-EL25-Q0000 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 13 page Description Precision Optical Performance AlInGaP II (aluminum indi- um gallium phosphide) LEDs offer superior light output for excellent readability in sunlight and dependable per- formance. The AlInGaP II technology provides extremely stable light output over long periods of time. These LED lamps are untinted, nondiffused, T-13/4 pack- ages incorporating second generation optics which pro- duce well defined radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance performance in outdoor signal and sign applications. The maximum LED junction tempera- ture limit of +130°C enables high temperature operation in bright sunlight conditions. The epoxy contains both uv-a and uv-b inhibitors to reduce the effects of long term exposure to direct sunlight. Benefits • Viewing angles match traffic management require- ments • Colors meet automotive and traffic signal specifica- tions • Superior light output performance in outdoor environ- ments • Suitable for autoinsertion into PC boards Features • Well defined spatial radiation patterns • Viewing angles: 15°, 23°, 30° • High luminous output • Colors: 592 nm Amber 617 nm Reddish-Orange 630 nm Red • High operating temperature: TJLED=+130°C • Superior resistance to moisture Applications • Traffic management: Traffic signals Work zone warning lights Variable message signs • Commercial outdoor advertising: Signs Marquees • Automotive: Exterior and interior lights HLMP-ELxx, HLMP-EHxx, HLMP-EDxx Precision Optical Performance AlInGaP II LED Lamps Data Sheet |
Similar Part No. - HLMP-EL25-Q0000 |
|
Similar Description - HLMP-EL25-Q0000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |