Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DM74ALS174 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM74ALS174
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −400 µA
VCC − 2VCC − 1.6
V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 8 mA
0.35
0.5
V
Output Voltage
II
Input Current at
VCC = 5.5V, VIN = 7V
0.1
mA
Max Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIN = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
DM74ALS174
11
19
Clock
= 4.5V
mA
Clear
= GND
DM74ALS175
8
14
D Input
= GND
Symbol
Parameter
Conditions
Min
Max
Units
fMAX
Maximum Clock Frequency
RL = 500Ω
50
MHz
tPLH
Propagation Delay Time
CL = 50 pF
LOW-to-HIGH Level
VCC = 4.5V to 5.5V
5
18
ns
Output From Clear (175 Only)
tPHL
Propagation Delay Time
HIGH-to-LOW Level
8
23
ns
Output From Clear
tPLH
Propagation Delay Time
LOW-to-HIGH Level
3
15
ns
Output From Clock
tPHL
Propagation Delay Time
HIGH-to-LOW Level
5
17
ns
Output From Clock




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN5474DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR 1 2 3 4 5 MoreTexas Instruments
SN54LV174AHEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
HD74LV174AHex D-type Flip-Flops with Clear 1 2 3 4 5 MoreHitachi Semiconductor
SN54ALS74ADUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
SN54LV175AQUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
HD74LV175AQuad. D-type Flip-Flops with Clear 1 2 3 4 5 MoreHitachi Semiconductor
SN54S174HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
SN54ABT273OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
SN54LV273AOCTAL D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
HD74LV273AOctal D-type Flip-Flops with Clear 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl