Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08C-SSHM-T Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C08C-SSHM-T
Description  I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08C-SSHM-T Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C08C-SSHM-T Datasheet HTML 1Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 2Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 3Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 4Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 5Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 6Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 7Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 8Page - ATMEL Corporation AT24C08C-SSHM-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Atmel AT24C04C/08C [DATASHEET]
8787B–SEEPR–5/12
Table 1.
Pin Configuration
Pin Name
Function
NC
No Connect
A1
Address input (4K only)
A2
Address input
SDA
Serial data
SCL
Serial clock input
WP
Write protect
GND
Ground
VCC
Power supply
Note:
1. For use of 5-lead SOT23, the software
A2 and A1 bits in the device address
word must be set to zero to properly
communicate.
1
2
3
4
8
7
6
5
NC
A1/NC
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
NC
A1/NC
A2
GND
VCC
WP
SCL
SDA
8-lead PDIP
1
2
3
5
4
SCL
GND
SDA
WP
VCC
5-lead SOT23
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
NC
A1/NC
A2
GND
8-lead UDFN
Bottom View
VCC
WP
SCL
SDA
NC
A1/NC
A2
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Bottom View
1
2
3
4
8
7
6
5
NC
A1/NC
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP


Similar Part No. - AT24C08C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
More results

Similar Description - AT24C08C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C512C-XHM-B ATMEL-AT24C512C-XHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-SSHM-T ATMEL-AT24C512C-SSHM-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
Microchip Technology
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
logo
Cypress Semiconductor
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com