Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9640ABCPZ-80 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9640ABCPZ-80
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640ABCPZ-80 Datasheet(HTML) 4 Page - Analog Devices

  AD9640ABCPZ-80 Datasheet HTML 1Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 2Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 3Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 4Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 5Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 6Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 7Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 8Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD9640
Rev. B | Page 4 of 52
GENERAL DESCRIPTION
The AD9640 is a dual 14-bit, 80/105/125/150 MSPS analog-to-
digital converter (ADC). The AD9640 is designed to support
communications applications where low cost, small size, and
versatility are desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth differential sample-and-hold
analog input amplifiers supporting a variety of user-selectable
input ranges. An integrated voltage reference eases design
considerations. A duty cycle stabilizer is provided to compen-
sate for variations in the ADC clock duty cycle, allowing the
converters to maintain excellent performance.
The AD9640 has several functions that simplify the automatic
gain control (AGC) function in the system receiver. The fast detect
feature allows fast overrange detection by outputting four bits of
input level information with very short latency.
In addition, the programmable threshold detector allows moni-
toring of the incoming signal power using the four fast detect
bits of the ADC with very low latency. If the input signal level
exceeds the programmable threshold, the fine upper threshold
indicator goes high. Because this threshold is set from the four
MSBs, the user can quickly turn down the system gain to avoid an
overrange condition.
The second AGC-related function is the signal monitor. This
block allows the user to monitor the composite magnitude of
the incoming signal, which aids in setting the gain to optimize
the dynamic range of the overall system.
The ADC output data can be routed directly to the two external
14-bit output ports. These outputs can be set from 1.8 V to 3.3 V
CMOS or 1.8 V LVDS.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a
3-bit SPI-compatible serial interface.
The AD9640 is available in a 64-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C.


Similar Part No. - AD9640ABCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Similar Description - AD9640ABCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com