Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8005ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8005ARZ
Description  270 MHz, 400 關A Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8005ARZ Datasheet HTML 1Page - Analog Devices AD8005ARZ Datasheet HTML 2Page - Analog Devices AD8005ARZ Datasheet HTML 3Page - Analog Devices AD8005ARZ Datasheet HTML 4Page - Analog Devices AD8005ARZ Datasheet HTML 5Page - Analog Devices AD8005ARZ Datasheet HTML 6Page - Analog Devices AD8005ARZ Datasheet HTML 7Page - Analog Devices AD8005ARZ Datasheet HTML 8Page - Analog Devices AD8005ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8005
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (R) . . . . . . . . . . . . . . . . . . 0.75 Watts
SOT-23-5 Package (RT) . . . . . . . . . . . . . . . . . . . 0.5 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . .
±V
S ± 1V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range
N, R & RT Package . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP Package:
θ
JA = 90°C/W
8-Lead SOIC Package:
θ
JA = 155°C/W
5-Lead SOT-23 Package:
θ
JA = 240°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8005 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8005 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately +150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of +175
°C for an extended
period can result in device failure.
While the AD8005 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (+150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 3.
AMBIENT TEMPERATURE – °C
90
80
2.0
1.0
0
1.5
0.5
8-LEAD PLASTIC-DIP PACKAGE
–50
TJ = +150°C
70
60
50
40
30
20
10
0
–40 –30 –20 –10
8-LEAD SOIC PACKAGE
5-LEAD SOT-23 PACKAGE
Figure 3. Maximum Power Dissipation vs. Temperature
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Brand
Model
Range
Description
Option
Code
AD8005AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8005AR
–40
°C to +85°C
8-Lead Plastic SOIC
SO-8
AD8005AR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8005ART-REEL
–40
°C to +85°C
13" Tape and Reel
RT-5
H1A
AD8005AR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD8005ART-REEL7
–40
°C to +85°C
7" Tape and Reel
RT-5
H1A


Similar Part No. - AD8005ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005AR AD-AD8005AR Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

Similar Description - AD8005ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com