Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2186KST-160 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-2186KST-160
Description  DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186KST-160 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-2186KST-160 Datasheet HTML 1Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 2Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 3Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 4Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 5Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 6Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 7Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 8Page - Analog Devices ADSP-2186KST-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADSP-2186
–4–
REV. B
where pin functionality is reconfigurable, the default state is
shown in plain text; alternate functionality is shown in italics.
Common-Mode Pins
#
Input/
Pin
of
Out-
Name(s)
Pins
put
Function
RESET
1
I
Processor Reset Input
BR
1
I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
DMS
1
O
Data Memory Select Output
PMS
1
O
Program Memory Select Output
IOMS
1
O
Memory Select Output
BMS
1
O
Byte Memory Select Output
CMS
1
O
Combined Memory Select Output
RD
1
O
Memory Read Enable Output
WR
1
O
Memory Write Enable Output
IRQ2/
1
I
Edge- or Level-Sensitive
Interrupt Request
1
PF7
I/O
Programmable I/O Pin
IRQL0/
1
I
Level-Sensitive Interrupt Requests
1
PF5
I/O
Programmable I/O Pin
IRQL1/
1
I
Level-Sensitive Interrupt Requests
1
PF6
I/O
Programmable I/O Pin
IRQE/
1
I
Edge-Sensitive Interrupt Requests
1
PF4
I/O
Programmable I/O Pin
PF3
1
I/O
Programmable I/O Pin
Mode C/
1
I
Mode Select Input—Checked
only During
RESET
PF2
I/O
Programmable I/O Pin During
Normal Operation
Mode B/
1
I
Mode Select Input—Checked
only During
RESET
PF1
I/O
Programmable I/O Pin During
Normal Operation
Mode A/
1
I
Mode Select Input—Checked
only During
RESET
PF0
I/O
Programmable I/O Pin During
Normal Operation
CLKIN, XTAL 2
I
Clock or Quartz Crystal Input
CLKOUT
1
O
Processor Clock Output
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port I/O Pins
IRQ1:0
Edge- or Level-Sensitive Interrupts,
FI, FO
Flag In, Flag Out
2
PWD
1
I
Power-Down Control Input
PWDACK
1
O
Power-Down Control Output
FL0, FL1, FL2 3
O
Output Flags
VDD
6
I
Power (LQFP)
GND
10
I
Ground (LQFP)
VDD
11
I
Power (Mini-BGA)
GND
20
I
Ground (Mini-BGA)
EZ-Port
9
I/O
For Emulation Use
NOTES
1Interrupt/Flag pins retain both functions concurrently. If IMASK is set to
enable the corresponding interrupts, the DSP will vector to the appropriate
interrupt vector address when the pin is asserted, either by external devices or
set as a programmable flag.
2SPORT configuration determined by the DSP System Control Register. Soft-
ware configurable.
Memory Interface Pins
The ADSP-2186 processor can be used in one of two modes:
Full Memory Mode, which allows BDMA operation with full
external overlay memory and I/O capability, or Host Mode,
which allows IDMA operation with limited external addressing
capabilities. The operating mode is determined by the state of
the Mode C pin during
RESET and cannot be changed while
the processor is running.
Full Memory Mode Pins (Mode C = 0)
#
of
Input/
Pin Name
Pins
Output
Function
A13:0
14
O
Address Output Pins for Pro-
gram, Data, Byte and I/O Spaces
D23:0
24
I/O
Data I/O Pins for Program,
Data, Byte and I/O Spaces
(8 MSBs Are Also Used as
Byte Memory Addresses)
Host Mode Pins (Mode C = 1)
#
of
Input/
Pin Name
Pins
Output
Function
IAD15:0
16
I/O
IDMA Port Address/Data Bus
A0
1
O
Address Pin for External I/O,
Program, Data, or Byte Access
D23:8
16
I/O
Data I/O Pins for Program,
Data Byte and I/O Spaces
IWR
1
I
IDMA Write Enable
IRD
1
I
IDMA Read Enable
IAL
1
I
IDMA Address Latch Pin
IS
1
I
IDMA Select
IACK
1
O
IDMA Port Acknowledge
In Host Mode, external peripheral addresses can be decoded using the A0,
CMS, PMS, DMS, and IOMS signals.
Terminating Unused Pin
The following table shows the recommendations for terminating
unused pins.
Pin Terminations
I/O
Hi-Z
*
Pin
3-State
Reset
Caused
Unused
Name
(Z)
State
By
Configuration
XTAL
I
I
Float
CLKOUT
O
O
Float
A13:1 or
O (Z)
Hi-Z
BR, EBR
Float
IAD12:0
I/O (Z)
Hi-Z
IS
Float
A0
O (Z)
Hi-Z
BR, EBR
Float
D23:8
I/O (Z)
Hi-Z
BR, EBR
Float
D7 or
I/O (Z)
Hi-Z
BR, EBR
Float
IWR
I
I
High (Inactive)
D6 or
I/O (Z)
Hi-Z
BR, EBR
Float
IRD
II
BR, EBR
High (Inactive)
D5 or
I/O (Z)
Hi-Z
Float
IAL
I
I
Low (Inactive)


Similar Part No. - ADSP-2186KST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186KST-160 AD-ADSP-2186KST-160 Datasheet
237Kb / 36P
   DSP Microcomputer
REV. A
ADSP-2186KST-160 AD-ADSP-2186KST-160 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2186KST-160 AD-ADSP-2186KST-160 Datasheet
260Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186KST-160 AD-ADSP-2186KST-160 Datasheet
239Kb / 36P
   DSP Microcomputer
REV. B
More results

Similar Description - ADSP-2186KST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com