Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP30G120BSW-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP30G120BSW-HF
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP30G120BSW-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP30G120BSW-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AP30G120BSW-HF
Advanced Power
N-CHANNEL INSULATED GATE
Electronics Corp.
Features
▼ High Speed Switching
▼ Low Saturation Voltage
VCE(sat)=2.9V@IC=30A
▼ CO-PAK, IGBT With FRD
▼ RoHS Compliant & Halogen-Free
Absolute Maximum Ratings
, 1/8" from case for 5 seconds .
Notes:
1.Pulse width limited by max . junction temperature .
Thermal Data
Symbol
Rthj-c(IGBT)
Rthj-c(Diode)
Rthj-a
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Min.
Typ.
Max. Units
IGES
--
+500
nA
ICES
--
1
mA
VCE(sat)
-
2.7
3.4
V
-
3.7
-
V
VGE(th)
3-
7
V
Qg
-
63
100
nC
Qge
-12
-
nC
Qgc
-32
-
nC
td(on)
-40
-
ns
tr
-45
-
ns
td(off)
-
125
-
ns
tf
-
430
860
ns
Eon
-
1.3
-
mJ
Eoff
-
3.1
-
mJ
Cies
-
1400 2240
pF
Coes
-
120
-
pF
Cres
-15
-
pF
VF
-
2.5
3.2
V
trr
-70
-
ns
Qrr
-
170
-
nC
Data and specifications subject to change without notice
1
Value
Units
-55 to 150
-55 to 150
201107251
Halogen-Free Product
A
300
/W
/W
Thermal Resistance Junction-Case
VGE=15V
Collector-Emitter Saturation Voltage
Maximum Lead Temp. for Soldering Purposes
Thermal Resistance Junction-Ambient
Output Capacitance
Turn-on Delay Time
Gate-Collector Charge
Total Gate Charge
Parameter
VCC=500V
BIPOLAR TRANSISTOR WITH FRD.
Test Conditions
IC=30A
Gate-Emitter Charge
Gate Threshold Voltage
VGE=15V, IC=30A
VCE=1200V, VGE=0V
Collector-Emitter Leakage Current
Parameter
Gate-to-Emitter Leakage Current
1200V
Rating
Collector-Emitter Voltage
Units
V
1200
V
A
A
A
5
Collector Current
Maximum Power Dissipation
/W
A
208
8
120
W
30A
VCES
VCE=VGE, IC=250uA
VGE=+30V, VCE=0V
40
Collector Current
40
VGE=15V, IC=60A
0.6
Thermal Resistance Junction-Case
PD@TC=25℃
TJ
TL
Operating Junction Temperature Range
TSTG
Electrical Characteristics of Diode@Tj=25℃(unless otherwise specified)
VCC=600V,
Ic=30A,
VGE=15V,
RG=5Ω,
Inductive Load
Rise Time
Turn-off Delay Time
Fall Time
f=1.0MHz
VGE=0V
Reverse Transfer Capacitance
Turn-On Switching Loss
Turn-Off Switching Loss
Reverse Recovery Charge
di/dt = 100 A/µs
Forward Voltage
IF=8A
Reverse Recovery Time
IF=8A
VCE=30V
Input Capacitance
Storage Temperature Range
+30
30
60
IF@TC=25℃
IFM
Diode Forward Current
Diode Pulse Forward Current
IC
ICM
IC@TC=100℃
Pulsed Collector Current
1
VGE
IC@TC=25℃
Parameter
Gate-Emitter Voltage
Symbol
VCES
G
C
E
TO-3P
G
C
E


Similar Part No. - AP30G120BSW-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
More results

Similar Description - AP30G120BSW-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Alpha & Omega Semicondu...
AP30G120SW AOSMD-AP30G120SW Datasheet
100Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Advanced Power Electron...
AP30G120ASW A-POWER-AP30G120ASW Datasheet
103Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD.
AP30G120CSW-HF A-POWER-AP30G120CSW-HF Datasheet
104Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com