Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP28G40GEO Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP28G40GEO
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP28G40GEO Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP28G40GEO Datasheet HTML 1Page - Advanced Power Electronics Corp. AP28G40GEO Datasheet HTML 2Page - Advanced Power Electronics Corp. AP28G40GEO Datasheet HTML 3Page - Advanced Power Electronics Corp. AP28G40GEO Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig 7. Typical Capacitance Characterisitics
Fig 8. Maximum Pulse Collector Current
Fig 9. Switching Time Test Circuit
Fig 10. Switching Time Waveform
Fig 11. Gate Charge Test Circuit
Fig 12. Gate Charge Waveform
3
AP28G40GEO
td(on) tr
td(off) tf
VCE
VGE
10%
90%
TO THE
OSCILLOSCOPE
-
+
4V
C
G
E
VCE
VGE
RG
RC
VCC=320 V
10
100
1000
10000
1
5
9
1317
212529
3337
V CE , Collector-Emitter Voltage (V))
f=1.0MHz
Cies
Coes
Cres
0
1
2
3
4
5
6
0
20
40
60
80
100
120
Q G , Gate Charge (nC)
I CP =40A
V CE =200V
0
40
80
120
160
02
46
8
V GE , Gate-to-Emitter Voltage (V)
T C =70
o C
VCC=200V
TO THE
OSCILLOSCOPE
-
+
C
G
VCE
VGE
IC
IG
1~3mA
E


Similar Part No. - AP28G40GEO

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
AP28G40GEJ A-POWER-AP28G40GEJ Datasheet
140Kb / 5P
   High Peak Current Capability
AP28G40GEM-HF A-POWER-AP28G40GEM-HF Datasheet
52Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
More results

Similar Description - AP28G40GEO

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com