Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS138M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74ALS138M
Description  3 to 8 Line Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS138M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS138M Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS138M Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS138M Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS138M Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS138M Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS138M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006111
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS138
3 to 8 Line Decoder/Demultiplexer
General Description
These Schottky-clamped circuits are designed to be used
in high-performance memory-decoding or data-routing
applications, requiring very short propagation delay times.
In high-performance memory systems these decoders can
be used to minimize the effects of system decoding. When
used with high-speed memories, the delay times of these
decoders are usually less than the typical access time of
the memory. This means that the effective system delay
introduced by the decoder is negligible.
The DM74ALS138 decodes one-of-eight lines, based upon
the conditions at the three binary select inputs and the
three enable inputs. Two active-LOW and one active-HIGH
enable inputs reduce the need for external gates or invert-
ers when expanding. A 24-line decoder can be imple-
mented with no external inverters, and 32-line decoder
requires only one inverter. An enable input can be used as
a data input for demultiplexing applications.
This decoder/demultiplexer features fully buffered inputs,
presenting only one normalized load to its driving circuit. All
inputs are clamped with high-performance Schottky diodes
to suppress line-ringing and simplify system design.
Features
s Designed specifically for high speed:
Memory decoders
Data transmission systems
s 3- to 8-line decoder incorporates 3 enable inputs to sim-
plify cascading and/or data reception
s Low power dissipation…23 mW typ
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Note 1: G2
= G2A + G2B
Order Number
Package Number
Package Description
DM74ALS138M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS138SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS138N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Enable
Select
Outputs
Inputs
Inputs
G1
G2
(Note 1)
C
B
A Y0 Y1 Y2Y3Y4 Y5Y6Y7
X
H
X
X
X
HH
HHH
HHH
L
X
X
X
X
HH
HHH
HHH
H
L
L
L
L
L
H
HHH
HHH
H
L
L
L
HH
L
HHH
HHH
H
L
L
H
L
H
H
L
HH
HHH
H
L
L
H
HHH
H
L
H
HHH
H
L
HL
L
H
H
H
HL
H
H
H
H
L
H
L
HHH
HHH
L
H
H
H
L
HH
L
H
H
HHH
H
L
H
H
L
HH
HHH
HHH
HH
L


Similar Part No. - DM74ALS138M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132M NSC-DM74ALS132M Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132N NSC-DM74ALS132N Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
   13-Input NAND Gate
DM74ALS133M FAIRCHILD-DM74ALS133M Datasheet
43Kb / 4P
   13-Input NAND Gate
More results

Similar Description - DM74ALS138M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com