Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28067PFPQ Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320F28067PFPQ
Description  Piccolo Microcontrollers
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28067PFPQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28067PFPQ Datasheet HTML 4Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 5Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 6Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 7Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 8Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 9Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 10Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 11Page - Texas Instruments TMS320F28067PFPQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
www.ti.com
Table 2-1. Hardware Features (continued)
28069,
28068,
28067,
28066,
28065,
28064,
28063,
28062,
FEATURE
TYPE
(1)
28069U
(2)
28068U
(2)
28067U
(2)
28066U
(2)
28065U
(2)
28064U
(2)
28063U
(2)
28062U
(2)
(90 MHz)
(90 MHz)
(90 MHz)
(90 MHz)
(90 MHz)
(90 MHz)
(90 MHz)
(90 MHz)
Package Type
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
(PFP and PZP are HTQFPs.
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PN and PZ are LQFPs.)
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
2-pin Oscillator
1
1
1
1
1
1
1
1
0-pin Oscillator
2
2
2
2
2
2
2
2
GPIO
54
40
54
40
54
40
54
40
54
40
54
40
54
40
54
40
I/O pins
(shared)
AIO
6
6
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
T: –40°C to 105°C
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
Temperature
S: –40°C to 125°C
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
options
Q: –40°C to 125°C
(3) (4)
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
Product status for T-temperature devices
TMS
TMS
TMS
TMS
TMS
TMS
TMS
TMS
and S-temperature devices
(5)
Product status for Q-temperature
TMX
TMX
TMX
TMX
TMX
TMX
TMX
TMX
devices
(6)
(3)
"Q" refers to Q100 qualification for automotive applications.
(4)
The "Q" temperature option is not available on the TMS320F2806xU devices.
(5)
The "TMS" product status denotes a fully qualified production device. See Section 3.3, Device and Development Support Tool Nomenclature, for descriptions of device stages.
(6)
The "TMX" product status denotes an experimental device that is not necessarily representative of the final device's electrical specifications. See Section 3.3, Device and Development
Support Tool Nomenclature, for descriptions of device stages.
8
Device Overview
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28067PFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28067PFPQ TI-TMS320F28067PFPQ Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28067PFPQ TI1-TMS320F28067PFPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28067PFPQ TI1-TMS320F28067PFPQ Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28067PFPQ TI1-TMS320F28067PFPQ Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28067PFPQ TI1-TMS320F28067PFPQ Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28067PFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com