Electronic Components Datasheet Search |
|
TMS320F28064PZPS Datasheet(PDF) 2 Page - Texas Instruments |
|
TMS320F28064PZPS Datasheet(HTML) 2 Page - Texas Instruments |
2 / 173 page TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066 TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062 SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012 www.ti.com • Up to 54 Individually Programmable, • 2806x Packages Multiplexed GPIO Pins With Input Filtering – 80-Pin PFP and 100-Pin PZP PowerPAD™ • Advanced Emulation Features Thermally Enhanced Thin Quad Flatpacks (HTQFPs) – Analysis and Breakpoint Functions – 80-Pin PN and 100-Pin PZ Low-Profile Quad – Real-Time Debug via Hardware Flatpacks (LQFPs) 1.2 Description The F2806x Piccolo™ family of microcontrollers provides the power of the C28x™ core and Control Law Accelerator (CLA) coupled with highly integrated control peripherals in low pin-count devices. This family is code-compatible with previous C28x-based code, as well as providing a high level of analog integration. An internal voltage regulator allows for single-rail operation. Enhancements have been made to the HRPWM module to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit references have been added and can be routed directly to control the PWM outputs. The ADC converts from 0 to 3.3-V fixed full scale range and supports ratio-metric VREFHI/VREFLO references. The ADC interface has been optimized for low overhead and latency. 2 TMS320F2806x ( Piccolo™) MCUs Copyright © 2010–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062 |
Similar Part No. - TMS320F28064PZPS |
|
Similar Description - TMS320F28064PZPS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |