Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51117RGYRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS51117RGYRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51117RGYRG4 Datasheet HTML 6Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 7Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 8Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 9Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 10Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 11Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 12Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 13Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
t – Time
UDG-09142
V5DRV
EN_PSV
VOUT
PGOOD
5V UVLO
V5FILT
TPS51117
SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
DETAILED DESCRIPTION (continued)
NEGATIVE OVERCURRENT LIMIT (PWM-ONLY MODE)
The TPS51117 also supports cycle-by-cycle negative overcurrent limiting in PWM-only mode. The overcurrent
limit is set to be negative but is the same absolute value as the positive overcurrent limit. If output voltage
continues to rise, the bottom MOSFET stays on, thus inductor current is reduced and reverses direction after it
reaches zero. When there is too much negative current in the inductor, the bottom MOSFET is turned off and the
current flows to VIN through the body diode of the top MOSFET. Because this protection reduces current to
discharge the output capacitor, output voltage tends to rise, eventually hitting the overvoltage protection
threshold and shutdown. In order to prevent false OVP from triggering, the bottom MOSFET is turned on again
400 ns after it is turned off. If the device hits the negative overcurrent threshold again before output voltage is
discharged to the target level, the bottom MOSFET is turned off and the process repeats, which is called NOCL
Buzz. It ensures maximum allowable discharge capability when output voltage continues to rise. On the other
hand, if the output voltage is discharged to the target level before the NOCL threshold is reached, the bottom
MOSFET is turned off, the top MOSFET is then turned on, and the device resumes normal operation.
OVERVOLTAGE PROTECTION
The TPS51117 monitors a resistor divided feedback voltage to detect overvoltage and undervoltage condition.
When the feedback voltage becomes higher than 115% of the target value, the top MOSFET is turned off and
the bottom MOSFET is turned on immediately. The output is also discharged by the internal 20-
Ω transistor.
Also, the TPS51117 monitors VOUT terminal voltage directly and if it becomes greater than 5.75 V, it turns off
the top MOSFET driver.
UNDERVOLTAGE PROTECTION
When the feedback voltage becomes lower than 70% of the target value, the UVP comparator output goes high
and an internal UVP delay counter begins counting. After 32
μs, the TPS51117 latches off the high-side and
low-side MOSFETs and discharges the output with the internal 20-
Ω transistor. This function is enabled after 2
ms from when EN_PSV is brought high, i.e., UVP is disabled during start up.
START UP SEQUENCE
Referring to Figure 2 which illustrates the timing sequence, to guarantee the proper startup the TPS51117,
always ensure that VEN_PSV is less or equal to that of VV5FILT prior to VV5FILT reaching VUVLO.
Figure 2. Startup Timing Sequence
10
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51117


Similar Part No. - TPS51117RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PW TI-TPS51117PW Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWG4 TI-TPS51117PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWR TI-TPS51117PWR Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWRG4 TI-TPS51117PWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS51117RGYRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com