Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83ZQL Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LVDS83ZQL
Description  FlatLink TRANSMITTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83ZQL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LVDS83ZQL Datasheet HTML 3Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 4Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 5Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 6Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 7Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 8Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 9Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 10Page - Texas Instruments SN75LVDS83ZQL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN75LVDS83
FlatLink TRANSMITTER
SLLS271I − MARCH 1997 − REVISED MAY 2009
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Dn
tsu
CLKIN
th
CLKSEL LOW
CLKSEL HIGH
NOTE A: All input timing is defined at 1.4 V on an input signal with a 10%-to-90% rise or fall time of less than 5 ns.
Figure 2. Setup and Hold Time Waveforms
CL = 10 pF Max
(2 Places)
49.9
Ω ± 1% (2 Places)
VOC
VOD
YP
YM
VOD(H)
VOC(SS)
VOC(SS)
VOD(L)
100%
80%
20%
0%
0 V
VOC(PP)
tr
tf
0 V
(a) SCHEMATIC
(b) WAVEFORMS
NOTE A: The lumped instrumentation capacitance for any
single-ended voltage measurement is less than or equal
to 10 pF. When making measurements at YP or YM, the
complementary output is similarly loaded.
Figure 3. Test Load and Voltage Waveforms for LVDS Outputs
Not Recommended for New Designs


Similar Part No. - SN75LVDS83ZQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83 TI-SN75LVDS83 Datasheet
205Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGG TI1-SN75LVDS83ADGG Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGGR TI1-SN75LVDS83ADGGR Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83ZQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com