Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16825DGGRE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74ALVCH16825DGGRE4
Description  Member of the Texas Instruments Widebus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16825DGGRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74ALVCH16825DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 12Page - Texas Instruments 74ALVCH16825DGGRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVCH16825DGGRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16825DGGRG4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16825DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16825DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16825DGGR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16825DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16825DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2007
Addendum-Page 1


Similar Part No. - 74ALVCH16825DGGRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16825DGG PHILIPS-74ALVCH16825DGG Datasheet
73Kb / 10P
   18-bit buffer/driver 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16825DGG NEXPERIA-74ALVCH16825DGG Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
More results

Similar Description - 74ALVCH16825DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G74DQER TI-SN74LVC1G74DQER Datasheet
811Kb / 21P
[Old version datasheet]   Available in the Texas Instruments NanoFree??Package
logo
Bel Fuse Inc.
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
S560-6600-AB BEL-S560-6600-AB Datasheet
160Kb / 2P
   ADSL Magnetics Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-2580 RENCO-RL-2580 Datasheet
111Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
Bel Fuse Inc.
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-518-C1-R0 ATS-ATS-TI10P-518-C1-R0 Datasheet
258Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-5532 RENCO-RL-5532 Datasheet
65Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
RL-5751 RENCO-RL-5751 Datasheet
278Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com