Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP410PAPG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410PAPG4
Description  TFP410 TI PanelBus DIGITAL TRANSMITTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP410PAPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TFP410PAPG4 Datasheet HTML 1Page - Texas Instruments TFP410PAPG4 Datasheet HTML 2Page - Texas Instruments TFP410PAPG4 Datasheet HTML 3Page - Texas Instruments TFP410PAPG4 Datasheet HTML 4Page - Texas Instruments TFP410PAPG4 Datasheet HTML 5Page - Texas Instruments TFP410PAPG4 Datasheet HTML 6Page - Texas Instruments TFP410PAPG4 Datasheet HTML 7Page - Texas Instruments TFP410PAPG4 Datasheet HTML 8Page - Texas Instruments TFP410PAPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TFP410
TI
PanelBus™ DIGITAL TRANSMITTER
SLDS145B − OCTOBER 2001 − REVISED MAY 2011
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CTL3/A3/DK3
CTL2/A2/DK2
CTL1/A1/DK1
6
7
8
I
The operation of these three multifunction inputs depends on the settings of the ISEL (pin 13) and
DKEN (pin 35) inputs. All three inputs support 3.3-V CMOS signal levels and contain weak pulldown
resistors so that if left unconnected they default to all low.
When the I2C bus is disabled (ISEL = low) and the de-skew mode is disabled (DKEN = low), these three
inputs become the control inputs, CTL[3:1], which can be used to send additional information across
the DVI link during the blanking interval (DE = low). The CTL3 input is reserved for HDCP compliant DVI
TXs (TFP510) and the CTL[2:1] inputs are reserved for future use.
When the I2C bus is disabled (ISEL = low) and the de-skew mode is enabled (DKEN = high), these
three inputs become the de-skew inputs DK[3:1], used to adjust the setup and hold times of the pixel
data inputs DATA[23:0], relative to the clock input IDCK±.
When the I2C bus is enabled (ISEL = high), these three inputs become the 3 LSBs of the I2C slave
address, A[3:1].
Configuration/Programming
MSEN/PO1
11
O
Monitor sense/programmable output 1. The operation of this pin depends on whether the I2C interface
is enabled or disabled. This pin has an open-drain output and is only 3.3-V tolerant. An external 5-kΩ
pullup resistor connected to VDD is required on this pin.
When I2C is disabled (ISEL = low), a low level indicates a powered on receiver is detected at the
differential outputs. A high level indicates a powered on receiver is not detected. This function is only
valid in dc-coupled systems.
When I2C is enabled (ISEL = high), this output is programmable through the I2C interface (see the I2C
register descriptions section).
ISEL/RST
13
I
I2C interface select/I2C RESET (active low, asynchronous)
If ISEL is high, then the I2C interface is active. Default values for the I2C registers can be found in the
I2C register descriptions section.
If ISEL is low, then I2C is disabled and the chip configuration is specified by the configuration pins
(BSEL, DSEL, EDGE, VREF) and state pins (PD, DKEN).
If ISEL is brought low and then back high, the I2C state machine is reset. The register values are
changed to their default values and are not preserved from before the reset.
BSEL/SCL
15
I
Input bus select/I2C clock input. The operation of this pin depends on whether the I2C interface is
enabled or disabled. This pin is only 3.3-V tolerant.
When I2C is disabled (ISEL = low), a high level selects 24-bit input, single-edge input mode. A low level
selects 12-bit input, dual-edge input mode.
When I2C is enabled (ISEL = high), this pin functions as the I2C clock input (see the I2C register
descriptions section). In this configuration, this pin has an open-drain output that requires an external
5-kΩ pullup resistor connected to VDD.
DSEL/SDA
14
I/O
DSEL/I2C data. The operation of this pin depends on whether the I2C interface is enabled or disabled.
This pin is only 3.3-V tolerant.
When I2C is disabled (ISEL = low), this pin is used with BSEL and VREF to select the single-ended or
differential input clock mode (see the universal graphics controller interface modes section).
When I2C is enabled (ISEL = high), this pin functions as the I2C bidirectional data line. In this
configuration, this pin has an open-drain output that requires an external 5-kΩ pullup resistor
connected to VDD.
EDGE/HTPLG
9
I
Edge select/hot plug input. The operation of this pin depends on whether the I2C interface is enabled or
disabled. This input is 3.3-V tolerant only.
When I2C is disabled (ISEL = low), a high level selects the primary latch to occur on the rising edge of
the input clock IDCK+. A low level selects the primary latch to occur on the falling edge of the input clock
IDCK+. This is the case for both single-ended and differential input clock modes.
When I2C is enabled (ISEL = high), this pin is used to monitor the hot plug detect signal (see the DVI or
VESA™ P&D and DFP standards). When used for hot-plug detection, this pin requires a series 1-KΩ
resistor.


Similar Part No. - TFP410PAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP410PAPG4 TI1-TFP410PAPG4 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results

Similar Description - TFP410PAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
[Old version datasheet]   PanelBus??DIGITAL TRANSMITTER
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP410-EP TI1-TFP410-EP_16 Datasheet
885Kb / 31P
[Old version datasheet]   PanelBus DIGITAL TRANSMITTER
TFP510 TI-TFP510 Datasheet
399Kb / 27P
[Old version datasheet]   TI PANEL BUS DIGITAL TRANSMITTER
TFP410 TI-TFP410 Datasheet
378Kb / 26P
[Old version datasheet]   TI PANEL BUS DIGITAL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com