Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM385Z-2.5 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM385Z-2.5
Description  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385Z-2.5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM385Z-2.5 Datasheet HTML 3Page - Texas Instruments LM385Z-2.5 Datasheet HTML 4Page - Texas Instruments LM385Z-2.5 Datasheet HTML 5Page - Texas Instruments LM385Z-2.5 Datasheet HTML 6Page - Texas Instruments LM385Z-2.5 Datasheet HTML 7Page - Texas Instruments LM385Z-2.5 Datasheet HTML 8Page - Texas Instruments LM385Z-2.5 Datasheet HTML 9Page - Texas Instruments LM385Z-2.5 Datasheet HTML 10Page - Texas Instruments LM385Z-2.5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
www.ti.com
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
APPLICATIONS
Figure 15. Wide Input Range Reference
Figure 16. Micropower Reference from 9V Battery
LM385-2.5-N Applications
IQ ≃ 30 μA standby current
IQ ≃ 40 μA
Figure 17. Micropower 5V Reference
Figure 18. Micropower 10V Reference
PRECISION 1
μA to 1 mA CURRENT SOURCES
Figure 19.
METER THERMOMETERS
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N


Similar Part No. - LM385Z-2.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM385Z-2.5 MOTOROLA-LM385Z-2.5 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
National Semiconductor ...
LM385Z-2.5 NSC-LM385Z-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM385Z-2.5 LINER-LM385Z-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
ON Semiconductor
LM385Z-2.5 ONSEMI-LM385Z-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385Z-2.5 ONSEMI-LM385Z-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM385Z-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com