Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DM7490A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM7490A
Description  Decade and Binary Counters
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
AC Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
From (Input)
RL = 400Ω, CL = 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock
A to QA
32
MHz
Frequency
B to QB
16
tPLH
Propagation Delay Time
A to QA
16
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QA
18
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
A to QD
48
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QD
50
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QB
16
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QB
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QC
32
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QC
35
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QD
32
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QD
35
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
SET-9 to QA, QD
30
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
SET-9 to QB, QC
40
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
SET-0
40
ns
HIGH-to-LOW Level Output
Any Q




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM74LS90Decade and Binary Counters 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54ALS190SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTI store
SN5417635-MHz PRESETTABLE DECADE AND BINARY COUNTERS/LATCHES 1 2 3 4 5 MoreTI store
SN54290DECADE AND 4-BIT BINARY COUNTERS 1 2 3 4 5 MoreTI store
DM74LS90Decade and Binary Counters 1 2 3 4 5 MoreFairchild Semiconductor
SN54390DUAL 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTI store
SN54HC160SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTI store
SN5490ADECADE DIVIDE-BY-TWELVE AND BINARY COUNTERS 1 2 3 4 5 MoreTI store
SN54ALS161BSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTI store
DM5490Decade and Binary Counters 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl