Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20100 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SB20100
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB20100 Datasheet(HTML) 1 Page - Leshan Radio Company

  SB20100 Datasheet HTML 1Page - Leshan Radio Company SB20100 Datasheet HTML 2Page - Leshan Radio Company SB20100 Datasheet HTML 3Page - Leshan Radio Company SB20100 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feature & Dimensions
* Plastic package has underwriters laboratory
Flammability classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC R-6, molded plastic over sky die
Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Weight
: 0.042oz., 1.19 g
with ROHS requirements
Mounting position
: Any
Handling precautin : None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol
SB2035 SB2045 SB2050 SB2060 SB2080 SB20100
Unit
Device marking code
SB2035 SB2045 SB2050 SB2060 SB2080 SB20100
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
80
100V
Maximum RMS voltage
VRMS
35
45
50
60
80
100V
Maximum DC blocking voltage
VDC
35
45
50
60
80
100V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM1
A
Thermal resistance, junction to ambient
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol
SB2035 SB2045 SB2050 SB2060 SB2080 SB20100
Unit
Maximum instantaneous forward voltage at 20.0A
VF
0.60
0.70V
Maximum DC reverse current
TC = 25
°C
Ir
uA
Maximum DC reverse current
TC = 100
°C
Ir
uA
Typical junction capacitance at 4.0V, 1MHz
CJ
380
PF
Notes:
1. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
0.55
0.90
230
40
500
SB2020 thru SB20100
Schottky Barrier Rectifiers
Reverse Voltage 35 to 100V Forward Current 20A
20.0
–40 to +150
200
1000


Similar Part No. - SB20100

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Sangdest Microelectroni...
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
   Guard Ring Die Construction for Transient Protection
logo
SMC Diode Solutions Co....
SB20100 SMCDIODE-SB20100 Datasheet
161Kb / 3P
   SB20100 SCHOTTKY RECTIFIER
Rev. A
logo
Shenzhen Luguang Electr...
SB20100CT LUGUANG-SB20100CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
Formosa MS
SB20100CT FORMOSA-SB20100CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
More results

Similar Description - SB20100

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Hi-Sincerity Mocroelect...
HSBR20100CT HSMC-HSBR20100CT Datasheet
176Kb / 5P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com