Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20100 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SB20100
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB20100 Datasheet(HTML) 2 Page - Leshan Radio Company

  SB20100 Datasheet HTML 1Page - Leshan Radio Company SB20100 Datasheet HTML 2Page - Leshan Radio Company SB20100 Datasheet HTML 3Page - Leshan Radio Company SB20100 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
SB2020 thru SB20100
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
0
25
50
75
100 125
150 175
0.2
0.4
0.6
0.8
1.0
1.2
0.001
10
1.0
0.1
0.01
100
20
10
0
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Ambient Temperature, °C
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
10
1.0
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=100℃
Tj=75℃
Tj=25℃
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
0.1
1
10
100
1000
100
1.0
Single phase
half wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm)
lead length
Fig 6. – Typical Junction Capacitance
Reverse Voltage (V)
Number of Cycles at 60Hz
1
10
100
200
100
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
250


Similar Part No. - SB20100

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Sangdest Microelectroni...
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
   Guard Ring Die Construction for Transient Protection
logo
SMC Diode Solutions Co....
SB20100 SMCDIODE-SB20100 Datasheet
161Kb / 3P
   SB20100 SCHOTTKY RECTIFIER
Rev. A
logo
Shenzhen Luguang Electr...
SB20100CT LUGUANG-SB20100CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
Formosa MS
SB20100CT FORMOSA-SB20100CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
More results

Similar Description - SB20100

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Hi-Sincerity Mocroelect...
HSBR20100CT HSMC-HSBR20100CT Datasheet
176Kb / 5P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com