Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD826ANZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD826ANZ
Description  High-Speed, Low-Power Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826ANZ Datasheet(HTML) 3 Page - Analog Devices

  AD826ANZ Datasheet HTML 1Page - Analog Devices AD826ANZ Datasheet HTML 2Page - Analog Devices AD826ANZ Datasheet HTML 3Page - Analog Devices AD826ANZ Datasheet HTML 4Page - Analog Devices AD826ANZ Datasheet HTML 5Page - Analog Devices AD826ANZ Datasheet HTML 6Page - Analog Devices AD826ANZ Datasheet HTML 7Page - Analog Devices AD826ANZ Datasheet HTML 8Page - Analog Devices AD826ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT RESISTANCE
Open Loop
15
15
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
10
13
1013
mA
TMIN to TMAX
16
16.5/17.5
mA
±15 V
10.5
13.5
10.5
13.5
mA
TMIN to TMAX
16.5
17/18
mA
TRANSISTOR COUNT
92
92
NOTES
1 Offset voltage for the AD827 is guaranteed after power is applied and the device is fully warmed up. All other specifications are measured using high speed test equipment,
approximately 1 second after power is applied.
2 Full Power Bandwidth = Slew Rate/2
π V
PEAK.
3 Gain = +1, rising edge.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) Package (Derate at 10 mW/
°C) . . . . . . . . 1.5 W
Cerdip (Q) Package (Derate at 8.7 mW/
°C) . . . . . . . 1.3 W
Small Outline (R) Package (Derate at 10 mW/
°C) . . . 1.5 W
LCC (E) Package (Derate at 6.7 mW/
°C) . . . . . . . . . 1.0 W
Input Common-Mode Voltage . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Output Short Circuit Duration
3 . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD827J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
AD827A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD827S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range
(Soldering to 60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, and functional operation of
the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
2 Maximum internal power dissipation is specified so that T
J does not exceed 175
°C
at an ambient temperature of 25
°C.
Thermal Characteristics:
MiniDIP:
θ
JA = 100
°C/W; θ
JC = 33
°C/ W
Cerdip:
θ
JA = 110
°C/W; θ
JC = 30
°C/W
16-Lead Small Outline Package:
θ
JA = 100
°C/W
20-Lead LCC:
θ
JA = 150
°C/W; θ
JC = 35
°C/W
3 Indefinite short circuit duration is only permissible as long as the absolute
maximum power rating is not exceeded.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD827JN
0
°C to +70°C8-Lead Plastic DIP N-8
AD827JR
0
°C to +70°C
16-Lead Plastic SO R-16
AD827AQ
–40
°C to +85°C8-Lead Cerdip
Q-8
AD827SQ
–55
°C to +125°C8-Lead Cerdip
Q-8
AD827SQ/883B
–55
°C to +125°C8-Lead Cerdip
Q-8
5962-9211701MPA –55
°C to +125°C8-Lead Cerdip
Q-8
AD827SE/883B
–55
°C to +125°C 20-Lead LCC
E-20A
5962-9211701M2A –55
°C to +125°C 20-Lead LCC
E-20A
AD827JR-REEL
0
°C to +70°CTape & Reel
AD827JChips
0
°C to +70°CDie
AD827SChips
–55
°C to +125°CDie
METALLIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
Substrate is connected to V+.
AD827
REV. C
–3–


Similar Part No. - AD826ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
731Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
More results

Similar Description - AD826ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826 AD-AD826_15 Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com