Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB520S-30T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB520S-30T1G
Description  SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB520S-30T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB520S-30T1G Datasheet HTML 1Page - Leshan Radio Company LRB520S-30T1G Datasheet HTML 2Page - Leshan Radio Company LRB520S-30T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER DIODE
LRB520S-30T1G
MAXIMUM RATINGS
(TA = 25°C)
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
30
V
Mean rectifying current
IO
200
mA
Peak forward surge current
IFSM
1A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-40~+125
°C
ELECTRICAL CHARACTERISTICS(
TA=25°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Forward voltage
V
F
--
0.60
V
I
F=200mA
Reverse current
IR
--
1.0
µAVR=10V
Applications
Low current rectification and high speed switching
Features
Extremelysmall surface mounting type. (SC-79/SOD523)
Low Reverse Current
Extremely Fast Switching Speed
Construction
Silicon epitaxial planar
1
2
Cathode
Anode
SOD523/SC-79
1
2
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LRB520S-30T1G
5J
3000/Tape&Reel
LRB520S-30T3G
5J
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
Extremely Low Forward Voltage 0.6 V (max) @ IF = 200mA
Rev.O 1/3


Similar Part No. - LRB520S-30T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB520S-30T1G LRC-LRB520S-30T1G Datasheet
69Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Shanghai Leiditech Elec...
LRB520S-30T1G LEIDITECH-LRB520S-30T1G Datasheet
819Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Leshan Radio Company
LRB520S-30T1G LRC-LRB520S-30T1G_15 Datasheet
427Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LRB520S-30T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB521S-40T1G LRC-LRB521S-40T1G Datasheet
614Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-30T1G LRC-LRB521S-30T1G Datasheet
453Kb / 3P
   SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
logo
KEC(Korea Electronics)
KDR720V KEC-KDR720V Datasheet
390Kb / 2P
   LOW CURRENT RECTIFICATION AND HIGH SPEED SWITCHING
logo
Leshan Radio Company
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB521CS-30T5G LRC-LRB521CS-30T5G Datasheet
290Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB751CS-40T5G LRC-LRB751CS-40T5G Datasheet
360Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB411DLT1G LRC-LRB411DLT1G Datasheet
405Kb / 4P
   Schottky barrier diode Low current rectification
logo
KEC(Korea Electronics)
KDR732 KEC-KDR732 Datasheet
391Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
KDR720S KEC-KDR720S Datasheet
386Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(FOR HIGH SPEED SWITCHING CIRCUIT, FOR SMALL CURRENT RECTIFICATION)
logo
KODENSHI_AUK CORP.
SF10A400HDS-1 KODENSHI-SF10A400HDS-1 Datasheet
344Kb / 4P
   High speed switching and rectification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com