Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP95T10GI-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP95T10GI-HF
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP95T10GI-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP95T10GI-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP95T10GI-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP95T10GI-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP95T10GI-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP95T10GI-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
0
2
4
6
8
10
12
0
40
80
120
160
Q G , Total Gate Charge (nC)
V DS =50V
V DS =60V
V DS =80V
I D =40 A
Q
VG
10V
QGS
QGD
QG
Charge
0
1000
2000
3000
4000
5000
6000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oxx
C rss
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T c =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP95T10GI-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP95T10GI-HF A-POWER-AP95T10GI-HF Datasheet
99Kb / 4P
   Simple Drive Requirement
AP95T10GI-HF A-POWER-AP95T10GI-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP95T10GI-HF A-POWER-AP95T10GI-HF_16 Datasheet
67Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP95T10GI-HF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com