Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8558-15PRN Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8558-15PRN
Description  Low noise, fast response 500mA LDO regulato
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8558-15PRN Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8558-15PRN Datasheet HTML 1Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 2Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 3Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 4Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 5Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 6Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 7Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 8Page - Leshan Radio Company LR8558-15PRN Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Description:
Pin Number
SOT-89-3
(A)
SOT-89-3
(B)
SOT-23-5
SOT-23-3
TO-92
Symbol
Function
1
3
5
2
3
Vout
Output pin
3
2
1
3
1
Vin
Input Pin
2
1
2
1
2
Vss
Ground Pin
3
CE
Chip Enable Pin
4
NC
No Connection
Product Classification:
Output
Voltage
Package
Type
Product
Name
Package
Type
Product
Name
Package
Type
Product
Name
1.2V
SOT-89-3A
LR8558-12PSA
SOT-89-3B
LR8558-12PSB
SOT-23-5
LR8558-12PRN
1.5V
SOT-89-3A
LR8558-15PSA
SOT-89-3B
LR8558-15PSB
SOT-23-5
LR8558-15PRN
1.8V
SOT-89-3A
LR8558-18PSA
SOT-89-3B
LR8558-18PSB
SOT-23-5
LR8558-18PRN
2.1V
SOT-89-3A
LR8558-21PSA
SOT-89-3B
LR8558-21PSB
SOT-23-5
LR8558-21PRN
2.5V
SOT-89-3A
LR8558-25PSA
SOT-89-3B
LR8558-25PSB
SOT-23-5
LR8558-25PRN
2.8V
SOT-89-3A
LR8558-28PSA
SOT-89-3B
LR8558-28PSB
SOT-23-5
LR8558-28PRN
3.0V
SOT-89-3A
LR8558-30PSA
SOT-89-3B
LR8558-30PSB
SOT-23-5
LR8558-30PRN
3.2V
SOT-89-3A
LR8558-32PSA
SOT-89-3B
LR8558-32PSB
SOT-23-5
LR8558-32PRN
3.3V
SOT-89-3A
LR8558-33PSA
SOT-89-3B
LR8558-33PSB
SOT-23-5
LR8558-33PRN
3.5V
SOT-89-3A
LR8558-35PSA
SOT-89-3B
LR8558-35PSB
SOT-23-5
LR8558-35PRN
4.5V
SOT-89-3A
LR8558-45PSA
SOT-89-3B
LR8558-45PSB
SOT-23-5
LR8558-45PRN
Output
Voltage
Package
Type
Product
Name
Package
Type
Product
Name
1.2V
SOT-23-3
LR8558-12PRM
TO-92
LR8558-12PT
1.5V
SOT-23-3
LR8558-15PRM
TO-92
LR8558-15PT
1.8V
SOT-23-3
LR8558-18PRM
TO-92
LR8558-18PT
2.1V
SOT-23-3
LR8558-21PRM
TO-92
LR8558-21PT
2.5V
SOT-23-3
LR8558-25PRM
TO-92
LR8558-25PT
2.8V
SOT-23-3
LR8558-28PRM
TO-92
LR8558-28PT
3.0V
SOT-23-3
LR8558-30PRM
TO-92
3.2V
SOT-23-3
LR8558-32PRM
TO-92
3.3V
SOT-23-3
LR8558-33PRM
TO-92
3.5V
SOT-23-3
LR8558-35PRM
TO-92
4.5V
SOT-23-3
L 8558-45PRM
TO-92
LR8558-30PT
LR8558-32PT
LR8558-33PT
LR8558-45PT
LR8558-35PT
Leshan Radio Co ., Ltd
3/11


Similar Part No. - LR8558-15PRN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8558-15PRN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com