Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB421LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LRB421LT3G
Description  Schottky barrier diode Low power rectification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB421LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LRB421LT3G Datasheet HTML 1Page - Leshan Radio Company LRB421LT3G Datasheet HTML 2Page - Leshan Radio Company LRB421LT3G Datasheet HTML 3Page - Leshan Radio Company LRB421LT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristic curves (Ta = 25
°C)
LESHAN RADIO COMPANY, LTD.
LRB421LT1G
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
VF DISPERSION MAP
0.01
0.1
1
10
100
0
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
1
10
100
0
102030
f=1MHz
420
430
440
450
460
470
AVE:439.5mV
Ta=25℃
IF=100mA
n=30pcs
260
270
280
290
300
310
AVE:281.5mV
Ta=25℃
IF=10mA
n=30pcs
0
5
10
15
20
25
30
Ta=25℃
VR=10V
n=10pcs
AVE:2.548uA
0
5
10
15
20
AVE:5.50A
8.3ms
Ifsm
1cyc
0
5
10
15
20
25
30
AVE:6.20ns
0
5
10
15
0.1
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
0.1
1
10
100
t
Ifsm
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
Ta=25℃
f=1MHz
VR=0V
n=10pcs
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
0
1
2
3
4
5
6
7
8
9
10
AVE:6.09pF
Ta=25℃
f=1MHz
VR=10V
n=10pcs
Rev.O 2/4


Similar Part No. - LRB421LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB421LT1G LRC-LRB421LT1G_15 Datasheet
317Kb / 4P
   Schottky barrier diode
More results

Similar Description - LRB421LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB425LT1G LRC-LRB425LT1G Datasheet
89Kb / 3P
   Schottky barrier diode Low power rectification
LRB491DLT1G LRC-LRB491DLT1G Datasheet
182Kb / 3P
   Schottky barrier diode Low-power rectification
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB521CS-30T5G LRC-LRB521CS-30T5G Datasheet
290Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB751CS-40T5G LRC-LRB751CS-40T5G Datasheet
360Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB411DLT1G LRC-LRB411DLT1G Datasheet
405Kb / 4P
   Schottky barrier diode Low current rectification
LRB751G-40T1G LRC-LRB751G-40T1G Datasheet
448Kb / 4P
   Schottky barrier diode General rectification
logo
KEC(Korea Electronics)
KDR411S KEC-KDR411S Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR412 KEC-KDR412 Datasheet
388Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR411 KEC-KDR411 Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW PWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com