Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8808-3.2 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8808-3.2
Description  Micropocessor Reset Circuits junction temperature range for operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8808-3.2 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8808-3.2 Datasheet HTML 1Page - Leshan Radio Company LR8808-3.2 Datasheet HTML 2Page - Leshan Radio Company LR8808-3.2 Datasheet HTML 3Page - Leshan Radio Company LR8808-3.2 Datasheet HTML 4Page - Leshan Radio Company LR8808-3.2 Datasheet HTML 5Page - Leshan Radio Company LR8808-3.2 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
Unless otherwise specified,Typical values and limits appearing in standard typeface are for Ta = 25°C.
Symbol
Item
Conditions
Min
Type
Max
Unit
VDET
(Figure1)
Detection
voltage
VDET(S)
×
0.98
VDET(S)
VDET(S)
×
1.02
V
VHYS
(Figure1)
Hysteresis
Width
VDET(S)
×
0.02
VDET(S)
×
0.05
VDET(S)
×
0.08
V
LR8808-2.0~2.6
C/N
1.0
2.0
µA
LR8808-2.6~3.9
C/N
1.2
2.5
µA
Iss
Current
Consumption
VCC = VDET+0.5V
LR8808-3.9~6.0
C/N
1.5
3.0
µA
Vcc
Operating
voltage
0.95
8
V
LR8808-2.0~2.6
C/N
3.0
13.0
mA
LR8808-2.6~3.9
C/N
3.0
15.0
mA
NMOS:
VOUT=0.5V
Vcc=VDET−0.5
LR8808-3.9~6.0
C/N
3.0
18.0
mA
LR8808-2.0~2.6
C/N
1.5
4.0
mA
LR8808-2.6~3.9
C/N
1.5
6.0
mA
IOUT
Output
Current
PMOS:
Vcc−VOUT=0.5V
Vcc=VDET+0.5
LR8808-3.9~6.0
C/N
1.5
8.0
mA
ILEAK
Leakage
current
Only for NMOS open-drain output products,
VCC =8.0 V, VOUT =8.0 V
0.1
µA
Temperature
coefficient
Ta=−40°C to +85°C
±120
±360
ppm/
°C
TPLH
Delay time
200
µs
Figure1
3/6
LESHAN RADIO COMPANY, LTD.
LR8808


Similar Part No. - LR8808-3.2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808 LRC-LR8808_15 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits
More results

Similar Description - LR8808-3.2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808 LRC-LR8808_15 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
   Industrial temperature range operation
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com