Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8563-21PRB Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8563-21PRB
Description  Low noise, fast response 300mA LDO regu lator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-21PRB Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8563-21PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Assignment
Output Voltage:
15……1.5V
28……2.8V
30……3.0V
35……3.5V
……
45……4.5V
Features:
P:Standard(defualt、lead free)
C:Customized
Package Type:
RA: SOT-23-5
RB: SOT-23-5
Q : SC70-5
Selection Guide
LR8563
-XX X X
LR8563-
XXPQ
LR8563-XXPRX
Pin Description
Pin Number
Symbol
Function
SC-70-5
SOT-23-5A
SOT-23-5B
5
5
1
VOUT
Output pin
1
1
3
VDD
Input Pin
2
2
2
GND
Ground Pin
3
3
4
CE
Chip Enable Pin
4
4
5
NC
No Connection
Leshan Radio Co ., Ltd
2/9


Similar Part No. - LR8563-21PRB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results

Similar Description - LR8563-21PRB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
SeCoS Halbleitertechnol...
SM2930-33 SECOS-SM2930-33 Datasheet
573Kb / 3P
   Voltage Regu lator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
SeCoS Halbleitertechnol...
S2930-33 SECOS-S2930-33 Datasheet
550Kb / 3P
   250mA Fixed Low Dropout Voltage Regu lator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com