Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8555-32PRA Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8555-32PRA
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555-32PRA Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8555-32PRA Datasheet HTML 1Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 2Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 3Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 4Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 5Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 6Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 7Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 8Page - Leshan Radio Company LR8555-32PRA Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Delcription
Pin Number
Symbol
Function
SC-70-5
SOT-23-5A
SOT-23-5B
Product Clallification
Output
Voltage
Pagkage
Type
Produgt
Name
Pagkage
Type
Produgt
Name
Pagkage
Type
Produgt
Name
1.2V
SOT-23-5A
LR8555-1 2PRA
SOT-23-5B
LR8555-12PRB
SC-70-5
LR8555-1 2PQ
1.5V
SOT-23-5A
LR8555-15 PRA
SOT-23-5B
LR8555-15 PRB
SC-70-5
LR8555-15 PQ
1.8V
SOT-23-5A
LR8555-18 PRA
SOT-23-5B
LR8555-18 PRB
SC-70-5
LR8555-18 PQ
2.1V
SOT-23-5A
LR8555-21 PRA
SOT-23-5B
LR8555-21 PRB
SC-70-5
LR8555-21 PQ
2.5V
SOT-23-5A
LR8555-25PRA
SOT-23-5B
LR8555-25PRB
SC-70-5
LR8555-25PQ
2.8V
SOT-23-5A
LR8555-28PRA
SOT-23-5B
LR8555-28PRB
SC-70-5
LR8555-28PQ
3.0V
SOT-23-5A
LR8555-30PRA
SOT-23-5B
LR8555-30PRB
SC-70-5
LR8555-30PQ
3.2V
SOT-23-5A
LR8555-32PRA
SOT-23-5B
LR8555-32PRB
SC-70-5
LR8555-32PQ
3.3V
SOT-23-5A
LR8555-33PRA
SOT-23-5B
LR8555-33PRB
SC-70-5
LR8555-33PQ
3.5V
SOT-23-5A
LR8555-35PRA
SOT-23-5B
LR8555-35PRB
SC-70-5
LR8555-35PQ
5.0V
SOT-23-5A
LR8555-50PRA
SOT-23-5B
LR8555-50PRB
SC-70-5
LR8555-50PQ
Selection Guide
LR8555 XX X X
Pin Allignment
LR8555
LR8555
LR8555
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
2/9
12
3
54
SC70-5
12
3
54
SOT23-5


Similar Part No. - LR8555-32PRA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRM LRC-LR8558-12PRM Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRN LRC-LR8558-12PRN Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PSA LRC-LR8558-12PSA Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8555-32PRA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com