Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR6301-27CRM Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR6301-27CRM
Description  High-precision Low Voltage Detector Battery Checker
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6301-27CRM Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LR6301-27CRM Datasheet HTML 5Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 6Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 7Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 8Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 9Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 10Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 11Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 12Page - Leshan Radio Company LR6301-27CRM Datasheet HTML 13Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
APPLICATION CIRCUIT INFORMATION
Microprocessor Reset Circuit
2
Input
1
Reset Output
GN
D
5
CD
LR6301
Battery Charge Indicator
2
Input
1
Reset Output
GN
D
GND
VDD
Reset
VDD
5
CD
CD
LR6301
3
3
Microprocessor
* Required for
NCP303
Vin < 2.7 ON
Vin > 2.835 ON
To Additional Circuitry
2
Input
1
Reset Output
GN
D
5
CD
LR6301
Missing Pulse Detector or Frequency Detector
3
Vsupply
To Additional Circuitry
CD
*
Reset Output
CD
Input
[0.675*Vin
Missing Pulse
tD2
470 k
0.001
mF
2.85 V
2.70 V
0 V
5.0 V
1.0 V
0 V
Vin
Leshan Radio Co ., Ltd
9/22
Ver 1.5 Nov 2009


Similar Part No. - LR6301-27CRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
   Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
   18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
Seoul Semiconductor
LR630Z SEOUL-LR630Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LR6301-27CRM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com