Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR7530-1 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR7530-1
Description  100mA CMOS Low Power LDO Low power consumption
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR7530-1 Datasheet(HTML) 7 Page - Leshan Radio Company

  LR7530-1 Datasheet HTML 1Page - Leshan Radio Company LR7530-1 Datasheet HTML 2Page - Leshan Radio Company LR7530-1 Datasheet HTML 3Page - Leshan Radio Company LR7530-1 Datasheet HTML 4Page - Leshan Radio Company LR7530-1 Datasheet HTML 5Page - Leshan Radio Company LR7530-1 Datasheet HTML 6Page - Leshan Radio Company LR7530-1 Datasheet HTML 7Page - Leshan Radio Company LR7530-1 Datasheet HTML 8Page - Leshan Radio Company LR7530-1 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Constant Current Regulator
Dual Supply
Package Information
3-pin TO-92 Outline Dimensions
LR75XX
LR75XX
LESHAN RADIO COMPANY, LTD.
L R75XX
7/9
I=
V
R
+I
OUT
XX
A
SS
C e m m e n
G N D
C 1
1 0 m F
C 2
1 0 m F
I S S
V I N
V I N
V O U T
V X X
I O U T
R A
R L
G N D
I C 1
G N D
I C 2
C e m m e n
C e m m e n
R 1
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
C 3
1 0 m F
V O U T
V O U T
V I N
C 1
1 0 m F
LR75XX


Similar Part No. - LR7530-1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR75 SCHNEIDER-LR75 Datasheet
86Kb / 2P
   Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
Apr 26, 2022
logo
Seoul Semiconductor
LR750Z SEOUL-LR750Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR751 SEOUL-LR751 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR751 SEOUL-LR751 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR751 SEOUL-LR751 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR7530-1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
   Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com