Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR6156 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6156
Description  Dual 300mA High PSRR LDO Two low dropout voltage regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6156 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6156 Datasheet HTML 1Page - Leshan Radio Company LR6156 Datasheet HTML 2Page - Leshan Radio Company LR6156 Datasheet HTML 3Page - Leshan Radio Company LR6156 Datasheet HTML 4Page - Leshan Radio Company LR6156 Datasheet HTML 5Page - Leshan Radio Company LR6156 Datasheet HTML 6Page - Leshan Radio Company LR6156 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MARKING DESCRIPTION
L
: Product Code
X: Output Voltage
Code
Vout1 Vout2 Code
Vout1
Vout2
B
1.5V
2.8V
M
2.8V
1.8V
C
1.5V
3.0V
O
2.8V
2.8V
D
1.5V
3.3V
P
2.8V
3.0V
E
1.5V
4.0V
Q
3.0V
2.5V
G
1.8V
2.5V
R
3.0V
3.0V
H
1.8V
2.8V
S
3.0V
3.3V
I
1.8V
3.0V
T
3.3V
1.8V
J
1.8V
3.3V
PIN CONFIGURATION
Product Classification
LR6156-XXXX
Marking
L:Product Code
X:Output Voltage
LXZZ
ZZ:Data Code
Vss
Ground Pin
Vin
Supply Voltage Input
Vout1 CH1 Output Voltage
CE1
Chip Enable1
CE2
Chip Enable2
Vout2 CH2 Output Voltage
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Operating Junction
Temperature(Tj)
125°C
Ambient Temperature(Ta)
-40°C -85°C
Power
Dissipation
SOT-23-6
250mW
Storage Temperature(Ts)
-40°C -150°C
Lead Temperature & Time
260°C,10S
Note:
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Z: The Year of manufacturing,”7” stands for year
2007,”8” stands for year 2008,and “ 0 ” stands for
year 2010.
Z: The week of manufacturing. ”A” stands for week
1,”Z” stands for week 26,” A ” stands for week 27,”
Z
” stands for week 52.
Leshan Radio Co ., Ltd
2/7


Similar Part No. - LR6156

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-AC LRC-LR6155E6-AC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-BC LRC-LR6155E6-BC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-CC LRC-LR6155E6-CC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-DC LRC-LR6155E6-DC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LR6156

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3111 E-CMOS-EC3111 Datasheet
829Kb / 16P
   300mA High-PSRR Low Dropout Voltage Linear Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com