Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-3-M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # CNY17-3-M
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-3-M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button CNY17-3-M Datasheet HTML 3Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 4Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 5Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 6Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 7Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 8Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 9Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 10Page - Fairchild Semiconductor CNY17-3-M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PHOTOTRANSISTOR OPTOCOUPLERS
CNY17-1
CNY17-3
CNY17-2
CNY17-4
INPUT PULSE
OUTPUT PULSE
ton
toff
RL
IF
IC
VCC = 5V
OUTPUT (VCE)
INPUT
tr
td
tf
ts
10%
90%
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
DS300208
6/06/01
7 OF 11
www.fairchildsemi.com


Similar Part No. - CNY17-3-M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-3-000E AVAGO-CNY17-3-000E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-3-060E AVAGO-CNY17-3-060E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-3-300E AVAGO-CNY17-3-300E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-3-360E AVAGO-CNY17-3-360E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-3-500E AVAGO-CNY17-3-500E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
More results

Similar Description - CNY17-3-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com