Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR2596-3.3 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR2596-3.3
Description  150KHz, 3A PWM Buck DC/DC Converter TTL shutdown capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2596-3.3 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR2596-3.3 Datasheet HTML 1Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 2Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 3Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 4Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 5Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 6Page - Leshan Radio Company LR2596-3.3 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
All Output Voltage Versions Electrical Characteristics
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25
oC
(Unless otherwise specified, VIN=12V for the 3.3V, 5V, and adjustable version and VIN=24V for the 12V version, ILOAD=500mA)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Device Parameters
Feedback Bias Current
Ib
Adjustable Version Only, VFB=1.3V
-
10
50
100
nA
Oscillator Frequency
fO
(Note 5)
127
110
150
173
173
KHz
Saturation Voltage
VSAT
IOUT=3A
(Note 6,7)
-
1.3
1.4
1.5
V
Max. Duty Cycle (ON)
Min. Duty Cycle (OFF)
DC
(Note 7)
(Note 8)
-
100
0
-
%
Current Limit
ICL
Peak Current
(Note 6,7)
3.6
4.5
5.5
6.5
A
Output Leakage Current
IL
Output=0V
(Note 6,8)
-
-
50
uA
Quiescent Current
IQ
(Note 8)
-
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V
(Note 9)
-
150
250
300
uA
TO220-5L
-
2.5
-
θ
JC
TO263-5L
Junction to
Case
-
3.5
-
oC/W
TO220-5L
-
28
-
Thermal Resistance
θ
JA
(Note 10)
TO263-5L
Junction to
ambient
-
23
-
oC/W
ON/OFF Control
VIH
Low (Regulator ON)
-
0.6
ON/OFF Pin Logic Input Threshold
Voltage
VIL
High (Regulator OFF)
2.0
1.3
-
V
IIH
VLOGIC=2.5V (Regulator OFF)
-
5
15
ON/OFF Pin Input Current
IIL
VLOGIC=0.5V (Regulator ON)
-
0.02
5
uA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics.
Note 2: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance.
Note 3: Typical numbers are at 25
oC and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: The switching frequency is reduced when the second stage current limit is activated.
Note 6: No diode, inductor or capacitor connected to output pin.
Note 7: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 8: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, ADJ. version, and 15V for the 12V version, to force the output
transistor switch OFF.
Note 9: VIN=40V.
Note 10: Junction to ambient thermal resistance. (With copper area of approximately 3in
2)
LESHAN RADIO COMPANY, LTD.
LR2596
3/7


Similar Part No. - LR2596-3.3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LR250 LITTELFUSE-LR250 Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
logo
Polyfet RF Devices
LR2501 POLYFET-LR2501 Datasheet
99Kb / 2P
   RF POWER LDMOS TRANSISTOR
logo
Littelfuse
LR25030-1 LITTELFUSE-LR25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LR25030-2 LITTELFUSE-LR25030-2 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LR25030-3 LITTELFUSE-LR25030-3 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results

Similar Description - LR2596-3.3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com