Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8080 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC8080
Description  PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8080 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC8080 Datasheet HTML 1Page - Fairchild Semiconductor MOC8080 Datasheet HTML 2Page - Fairchild Semiconductor MOC8080 Datasheet HTML 3Page - Fairchild Semiconductor MOC8080 Datasheet HTML 4Page - Fairchild Semiconductor MOC8080 Datasheet HTML 5Page - Fairchild Semiconductor MOC8080 Datasheet HTML 6Page - Fairchild Semiconductor MOC8080 Datasheet HTML 7Page - Fairchild Semiconductor MOC8080 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6/1/00
200042A
INPUT
PULSE
OUTPUT
IF
INPUT
OUTPUT
1.5 V
Fig. 7 Switching Time Test Circuit and Waveforms (All devices except CNX48U)
5 V
INPUT
VCC
RL
RIN
VCC
RE
RBE
OUTPUT
50
90%
10%
t
on
off
t
INPUT
90%
t
on
10%
off
t
Fig. 8 Switching Time Test Circuit and Waveforms (CNX48U only)
Test Circuit (All devices except CNX48U)
Switching Waveforms (All devices except CNX48U)
Test Circuit (CNX48U only)
Switching Waveforms (CNX48U only)
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES
(25°C Free air temperature unless otherwise specified) (Cont.)
Notes
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10 V.
2. For this test, LED pins 1 and 2 are common and phototransistor pins 4,5 and 6 are common.
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113


Similar Part No. - MOC8080

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
   6-Pin DIP Optoisolators Darlington Output
logo
QT Optoelectronics
MOC8080 QT-MOC8080 Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC8080 FAIRCHILD-MOC8080 Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - MOC8080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com